Electronic Components Datasheet Search
  English  ▼

X  

ZP-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZP-2
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZP-2 Datasheet(HTML) 1 Page - Mini-Circuits

  ZP-2 Datasheet HTML 1Page - Mini-Circuits ZP-2 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 7 (LO Power +7 dBm)
50 to 1000 MHz
Frequency Mixer
Coaxial
Outline Dimensions (
)
inch
mm
Maximum Ratings
Coaxial Connections
LO
L
RF
R
IF
X
Outline Drawing
Electrical Specifications
REV. C
M151107
ZP-2+
DJ/TD/CP/AM
151009
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
Typ.
Min.
50-1000
DC-1000 5.85 0.10
7.5
9.0
58
40
47
30
42
25
50
35
44
20
29
18
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ZP-2+
L = 50-100 MHz
M = 100-500 MHz
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Features
• low conversion loss, 5.85 dB typ.
• wideband, 50 to 1000 MHz
• excellent L-R isolation, 47 dB typ., L-I, 44 dB typ.
• rugged shielded case
Applications
• VHF/UHF
• cellular
• instrumentation
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
CASE STYLE: GG60
Connectors
Model
BNC
ZP-2+
SMA
ZP-2-S+
A
B
C
D
E
F
G
H
wt
2.31 1.20
.60 .125 2.062
.30
.53
.63 grams
58.67 30.48 15.24 3.18 52.37 7.62 13.46 16.00
75.0
50.00
80.00
6.03
61.24
62.94
1.08
2.52
100.00
70.00
6.12
55.20
58.22
1.10
2.47
129.17
99.17
6.03
53.19
56.36
1.12
2.42
200.00
170.00
5.94
49.63
53.04
1.17
2.35
208.33
178.33
5.97
49.40
52.95
1.22
2.31
287.50
257.50
5.98
46.76
49.61
1.27
2.32
340.28
310.28
5.94
45.51
47.70
1.33
2.34
366.67
336.67
5.91
45.07
46.56
1.36
2.32
445.83
415.83
5.88
43.51
43.99
1.43
2.32
498.61
468.61
5.96
42.80
42.71
1.47
2.34
500.00
470.00
5.98
42.81
42.75
1.50
2.33
551.39
521.39
6.04
42.43
42.00
1.58
2.37
630.56
600.56
6.27
41.96
39.82
1.68
2.38
683.33
653.33
6.36
41.15
38.97
1.76
2.35
709.72
679.72
6.45
40.66
38.42
1.79
2.33
788.89
758.89
6.59
39.89
37.39
1.94
2.34
868.06
838.06
6.81
39.69
36.49
2.11
2.38
947.22
917.22
7.04
39.66
34.99
2.31
2.42
973.61
943.61
7.23
39.91
34.80
2.37
2.42
1000.00
970.00
7.37
39.73
34.55
2.44
2.41
BNC version shown
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ZP-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZP-2MH MINI-ZP-2MH Datasheet
290Kb / 2P
Frequency Mixer
ZP-2MH+ MINI-ZP-2MH+ Datasheet
290Kb / 2P
Frequency Mixer
ZP-2MH-S MINI-ZP-2MH-S Datasheet
290Kb / 2P
Frequency Mixer
ZP-2MH-S+ MINI-ZP-2MH-S+ Datasheet
290Kb / 2P
Frequency Mixer
More results

Similar Description - ZP-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com