Electronic Components Datasheet Search
  English  ▼

X  

KA258D Datasheet(PDF) 4 Page - ON Semiconductor

Part # KA258D
Description  Dual Operat ional Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA258D Datasheet(HTML) 4 Page - ON Semiconductor

  KA258D Datasheet HTML 1Page - ON Semiconductor KA258D Datasheet HTML 2Page - ON Semiconductor KA258D Datasheet HTML 3Page - ON Semiconductor KA258D Datasheet HTML 4Page - ON Semiconductor KA258D Datasheet HTML 5Page - ON Semiconductor KA258D Datasheet HTML 6Page - ON Semiconductor KA258D Datasheet HTML 7Page - ON Semiconductor KA258D Datasheet HTML 8Page - ON Semiconductor KA258D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
KA258/KA258A, KA358/KA358A, KA2904
3
Electrical Characteristics
(VCC = 5.0V, VEE = GND, TA = 25°C, unless otherwise specified)
Note:
1. This parameter, although guaranteed, is not 100% tested in production.
Parameter
Symbol
Conditions
KA258
KA358
KA2904
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Input Offset
Voltage
VIO
VCM = 0V to VCC -1.5V
VO(P) = 1.4V, RS = 0Ω
-
2.9
5.0
-
2.9
7.0
-
2.9
7.0
mV
Input Offset
Current
IIO
--
3
30
-
5
50
-
5
50
nA
Input Bias
Current
IBIAS
-
-
45
150
-
45
250
-
45
250
nA
Input
Voltage
Range
VI(R)
VCC = 30V
(KA2904, VCC = 26V)
0-
VCC
-1.5
0-
VCC
-1.5
0-
VCC
-1.5
V
Supply
Current
ICC
RL = ∞, VCC = 30V
(KA2904, VCC = 26V)
-
0.8
2.0
-
0.8
2.0
-
0.8
2.0
mA
RL = ∞, VCC = 5V
-
0.5
1.2
-
0.5
1.2
-
0.5
1.2
mA
Large Signal
Voltage
Gain
GV
VCC = 15V, RL = 2kΩ
VO(P) = 1V to 11V
50
100
-
25
100
-
25
100
-
V/mV
Output
Voltage
Swing
VO(H)
VCC = 30V
(VCC = 26V
for KA2904)
RL = 2kΩ
26
-
-
26
-
-
22
-
-
V
RL = 10kΩ
27
28
-
27
28
-
23
24
-
V
VO(L)
VCC = 5V, RL = 10kΩ
-5
20
-
5
20
5
20
mV
Common-
Mode
Rejection
Ratio
CMRR
-
70
85
-
65
80
-
50
80
-
dB
Power
Supply
Rejection
Ratio
PSRR
-
65
100
-
65
100
-
50
100
-
dB
Channel
Separation
CS
f = 1kHz to 20kHz
(Note1)
-
120
-
-
120
-
-
120
-
dB
Short Circuit
to GND
ISC
-
-
40
60
-
40
60
-
40
60
mA
Output
Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC = 15V, VO(P) = 2V
20
30
-
20
30
-
20
30
-
mA
ISINK
VI(+) = 0V, VI(-) = 1V
VCC = 15V, VO(P) = 2V
10
15
-
10
15
-
10
15
-
mA
VI(+) = 0V, VI(-) = 1V
VCC = 15V,
VO(P) = 200mV
12
100
-
12
100
-
-
-
-
μA
Differential
Input
Voltage
VI(DIFF)
--
-
VCC
--
VCC
--
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com