Electronic Components Datasheet Search
  English  ▼

X  

SF-SL Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # SF-SL
Description  Screwdriver set, bladed/crosshead Phillips Recess짰, VDE insulated, 6-part, incl. rack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SF-SL Datasheet(HTML) 1 Page - PHOENIX CONTACT

  SF-SL Datasheet HTML 1Page - PHOENIX CONTACT SF-SL Datasheet HTML 2Page - PHOENIX CONTACT SF-SL Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1212539
08/14/2018   Page 1 / 3
Tool set - SF-SL/PH SET VDE - 1212539
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Screwdriver set, bladed/crosshead Phillips Recess®, VDE insulated, 6-part, incl. rack
Why buy this product
 The SF-SL ... screwdriver sets are available with a variety of contents
 Wall-mountable screwdriver rack included
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356589741
Technical data
Product type
Tool set
Approval
EAC
Articles in set
Screwdriver - SZS 0,4X2,5 VDE - 1205037
Screwdriver, slot-headed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
 
 
Screwdriver - SZS 0,6X3,5 VDE - 1212602
Screwdriver, slot-headed, VDE insulated, size: 0.6 x 3.5 x 100 mm, 2-component grip, with non-slip grip
 
 


Similar Part No. - SF-SL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
SF-SFRP50 MINI-SF-SFRP50 Datasheet
325Kb / 2P
Adapter SMA-F to SMA-FRP
SF-SFRP50+ MINI-SF-SFRP50+ Datasheet
325Kb / 2P
Adapter SMA-F to SMA-FRP
logo
GOOD SKY ELECTRIC CO., ...
SF-SH-105DM GOODSKY-SF-SH-105DM Datasheet
483Kb / 2P
General Purpose Relay
More results

Similar Description - SF-SL

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
SF-PZSL-2-100-VDE PHOENIX-SF-PZSL-2-100-VDE Datasheet
50Kb / 3P
Screwdriver, positive/negative PZ/bladed, VDE insulated, size: PZ 2 x 100, 2-component grip, with non-slip grip
SZK-PH0 PHOENIX-SZK-PH0 Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 0 x 80 mm, 2-component grip, with non-slip grip
SZK-PH1-VDE PHOENIX-SZK-PH1-VDE Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 1 x 80 mm, 2-component grip, with non-slip grip
SZK-PH2-VDE PHOENIX-SZK-PH2-VDE Datasheet
60Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 2 x 100 mm, 2-component grip, with non-slip grip
SZK-PH3-VDE PHOENIX-SZK-PH3-VDE Datasheet
51Kb / 3P
Screwdriver, PH crosshead, VDE insulated, size: PH 3 x 150 mm, 2-component grip, with non-slip grip
SZK-PZ-0 PHOENIX-SZK-PZ-0 Datasheet
60Kb / 3P
Screwdriver, PZ crosshead, VDE insulated, size: PZ 0 x 80 mm, 2-component grip, with non-slip grip
SZK-PZ-1 PHOENIX-SZK-PZ-1 Datasheet
60Kb / 3P
Screwdriver, PZ crosshead, VDE insulated, size: PZ 1 x 80 mm, 2-component grip, with non-slip grip
SZK-PZ3-VDE PHOENIX-SZK-PZ3-VDE Datasheet
51Kb / 3P
Screwdriver, PZ crosshead, VDE insulated, size: PZ 3 x 150 mm, 2-component grip, with non-slip grip
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
1205163 PHOENIX-1205163 Datasheet
60Kb / 3P
Screwdriver - SZK PH2 VDE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com