Electronic Components Datasheet Search
  English  ▼

X  

2SJ577 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ577
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ577 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ577 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ577 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ577 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ577 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ577
No.6411–3/4
0
--2
--4
--6
--8
--12
--14
--10
--16
0
1.0
2.0
3.0
2.5
1.5
0.5
RDS(on) -- VGS
ITR00397
ITR00394
ID -- VDS
0
--4
--8
--12
--16
--20
0
--2
--1
--3
--5
--4
--6
ITR00395
0
--1
--2
--3
--4
--5
--6
0
--1
--2
--3
--4
--5
--6
75°C
VDS=--10V
Tc=25
°C
ID=--1.5A
ID -- VGS
--4.0V
--3.5V
--3.0V
--2.5V
--4.5V
ITR00396
Tc=-
-25
°C
25°
C
75°
C
VDS=--10V
--1.0
--0.1
27
5
3
32
7
5
--10
5
10
1.0
7
7
5
3
2
yfs -- ID
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Drain Current, ID – A
Gate-to-Source Voltage, VGS –V
A S O
IT01482
ITR00400
--1.0
--0.1
--10
2
55
3
23
77
2
3
5
7
10
2
5
7
100
VDD=--100V
VGS=--10V
td(on)
tr
td(of
f)
t f
SW Time -- ID
2
3
5
7
--1.0
2
3
5
7
--10
2
3
--0.1
ITR00399
Ciss, Coss, Crss -- VDS
0
--4
--8
--12
--16
--20
--24
--28
--32
2
3
5
2
3
5
2
3
5
7
7
10
100
1000
f=1MHz
Ciss
Coss
Crss
ITR00398
RDS(on) -- Tc
--80
--40
0
40
80
120
160
0
0.5
1.0
1.5
2.0
2.5
3.0
--1.0
--10
--100
2
3
57
2
3
57
2
3
5
ID=--1.5A
VGS=--10V
DC
operation
100
µ
s
1ms
10ms
10µ
s
IDP=--12A
Operation in
this area is
limited by RDS(on).
ID=--3A
Drain-to-Source Voltage, VDS –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Case Temperature, Tc – ˚C
Tc=25
°C
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com