Electronic Components Datasheet Search
  English  ▼

X  

75PD-167 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 75PD-167
Description  4 PORT RESISTIVE POWER SPLITTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

75PD-167 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  75PD-167 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4 PORT RESISTIVE POWER SPLITTER
SPECIFICATION SHEET
JFW MODEL 75PD-167
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Configuration
4 Port Resistive Power Splitter for MOCA
testing
Frequency Range
DC-2150 MHz
Impedance
75 Ohms nominal
VSWR
1.4:1 maximum
Insertion Loss
21.5 dB ± 0.75 dB
This insertion loss includes the built-
in 6dB fixed pads on each port per the
MOCA standard
Amplitude Tracking
± 0.6 dB
RF Input Power
0.5 Watts average
Operating Temperature Range
-40ºC to +85ºC
RF Connector
F female (all connectors launch from the
top of the enclosure)
Physical Size
See outline drawing 092-6502
03/18/2010
TRS 03/18/2010
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
18612
04/29/2010
A
TRS 04/29/2010
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 75PD-167

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75PD-165 JFW-75PD-165 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
75PD-168 JFW-75PD-168 Datasheet
26Kb / 1P
8 PORT RESISTIVE POWER SPLITTER
75PD-169 JFW-75PD-169 Datasheet
26Kb / 1P
16 PORT RESISTIVE POWER SPLITTER
More results

Similar Description - 75PD-167

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1507R APITECH-1507R Datasheet
538Kb / 1P
Broadband Resistive Power Splitter
1534 APITECH-1534 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1579 APITECH-1579 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1593 APITECH-1593 Datasheet
511Kb / 1P
Broadband Resistive Power Splitter
1870A APITECH-1870A Datasheet
516Kb / 1P
Broadband Resistive Power Splitter
logo
JFW Industries, Inc.
75PD-047 JFW-75PD-047_14 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
75PD-168 JFW-75PD-168 Datasheet
26Kb / 1P
8 PORT RESISTIVE POWER SPLITTER
75PD-169 JFW-75PD-169 Datasheet
26Kb / 1P
16 PORT RESISTIVE POWER SPLITTER
logo
SYNERGY MICROWAVE CORPO...
DPK01000S SYNERGY-DPK01000S Datasheet
695Kb / 2P
16-WAY RESISTIVE SPLITTER
logo
IOGEAR
GVS74 IOGEAR-GVS74 Datasheet
133Kb / 3P
4-Port VGA Video Splitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com