Electronic Components Datasheet Search
  English  ▼

X  

LR1112 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1112
Description  LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1112 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1112 Datasheet HTML 1Page - Unisonic Technologies LR1112 Datasheet HTML 2Page - Unisonic Technologies LR1112 Datasheet HTML 3Page - Unisonic Technologies LR1112 Datasheet HTML 4Page - Unisonic Technologies LR1112 Datasheet HTML 5Page - Unisonic Technologies LR1112 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR1112
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-057.c
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-23-5
SOT-25
AD: ADJ
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
Fixed
ADJ
PIN NAME
DESCRIPTION
1
1
VIN
Voltage input pin. Bypass to ground through at least 1µF capacitor
2
2
GND
Ground
3
3
EN
Enable input, active high
-
4
ADJ
Output feedback pin
4
-
NC
No connection
5
5
VOUT
Voltage output pin. Bypass to ground through 1µF ceramic capacitor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com