Electronic Components Datasheet Search
  English  ▼

X  

LR9102 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR9102
Description  LOW NOISE 300mA LDO REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9102 Datasheet(HTML) 3 Page - Unisonic Technologies

  LR9102 Datasheet HTML 1Page - Unisonic Technologies LR9102 Datasheet HTML 2Page - Unisonic Technologies LR9102 Datasheet HTML 3Page - Unisonic Technologies LR9102 Datasheet HTML 4Page - Unisonic Technologies LR9102 Datasheet HTML 5Page - Unisonic Technologies LR9102 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LR9102/A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-923.N
MARKING INFORMATION
MARKING
PACKAGE
VOLTAGE CODE
LR9102
LR9102A
SOT-23-3
SOT-23-5
SOT-25
SOT-353
DFN1616-6
DFN1820-6
10: 1.0V
11: 1.1V
12: 1.2V
13: 1.3V
15: 1.5V
18: 1.8V
25: 2.5V
27: 2.7V
28 :2.8V
2J: 2.85V
29: 2.9V
30: 3.0V
33: 3.3V
36: 3.6V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
SOT-23-3
SOT-23-5
SOT-25
SOT-353
DFN1616-6
DFN1820-6
PIN NAME
DESCRIPTION
3
1
3
5, 6
VIN
Input Pin
1
2
2
3
GND
Ground Pin
-
3
1
4
CE
Chip Enable Pin. Active when this Pin
is high.
-
4
5. 6
-
NC
No Connection
2
5
4
1, 2
VOUT
Output Pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com