Electronic Components Datasheet Search
  English  ▼

X  

ACX321 Datasheet(PDF) 2 Page - Sony Corporation

Part # ACX321
Description  Digital Camera LCD Product Line Features Low Power and Digital Interface Support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX321 Datasheet(HTML) 2 Page - Sony Corporation

  ACX321 Datasheet HTML 1Page - Sony Corporation ACX321 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I Figure 2 Power Consumption Comparison (Example)
I Figure 1 Low Power Principles
I Figure 3 Extensive Lineup
I Figure 5 Trend Towards Thinner 1.5-type Panels
I Figure 4 Using the Same Driver
COM AC signal
Video signal
White
Black
Black
White
COM DC signal
Video signal
White
Black
Black
White
12 V
0 V
8.5 V
0 V
Conventional Drive
Low-Power Drive
*: The figure presents a rough
overview of these signals.
*: This data does not include the backlight.
0
50
100
150
200
250
Conventional
Specifications
Low-Power
Specifications
150
85
55
15
LCD
IC
205 mW
100 mW
Power consumption
(mW)
1.5 type
1.8 type
2.0 type
2.5 type
(dots)
78K
ACX321
ACX332
118K
ACX318
ACX320
ACX324
235K
ACX319
ACX330
Under
development
78K dots
LCD panel
235K dots
CXM4006
(Digital interface)
or
CXM3005
(Analog interface)
118K dots
EVF panel
235K dots
*: Sony provides a compatible driver for both EVF and LCD drive.
DSP
Fck = 27/24 MHz
118K dots
4.0 mm
3.0 mm
3.5 mm
2.5 mm
2001
2002
2003
3.9 mm
2.98 mm
2.685 mm
ACX318ELN
(year)
• Introduction of thin-form light guides
• Structural analysis of backlight systems
• Glass etching



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com