Electronic Components Datasheet Search
  English  ▼

X  

AM119 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM119
Description  Dual-Band WLAN Dual Diplexer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM119 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM119 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM119 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM119 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Skyworks Solutions, Inc. [781] 376-3000
• Fax [781] 376-3100 • Email sales@skyworksinc.com • www.skyworksinc.com
1
Specifications subject to change without notice. 4/03A
Dual-Band WLAN Dual Diplexer
2.4–2.5 GHz and 5–6 GHz
Features
■ LTCC Technology
■ Dual Diplexer
■ SMD Package, 5.0 x 3.25 x 1.2 mm
■ Dual-Band Diplex Receive, Dual-Band
Diplex Transmit
Applications
■ WLAN Systems Including 802.11a,b,g
Outline Drawing
AM119
Description
The AM119 is a ceramic dual diplexer for dual-band WLAN
systems
using
LTCC design
and
manufacturing
technology. The part consists of two diplexers, one for dual-
band receive and one for dual-band transmit. The
AM119-614 is utilized with the diversity switch AS218-321
for switching between antennas. The design is compatible
with the 802.11 WLAN specifications.
PIN 1
INDICATOR
PIN 1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
3.25
5.00
1.20
1.63
6X 0.47
2.21
0.25 TYP.
0.25 TYP.
6X 0.50
Preliminary
Mode
Parameter
Min.
Typ.
Max.
Unit
Low Pass
Passband
2.4
2.45
2.5
GHz
Insertion Loss
0.50
0.8
dB
Attenuation @ 4.8 GHz
35
dB
Return Loss
15
dB
High Pass
Passband
5.15
5.50
5.85
GHz
Insertion Loss
0.50
0.80
dB
Attenuation @ 2.5 GHz
25
dB
Return Loss
12
dB
Electrical Specifications at 25°C
Dimensions in mm.
Tolerance ± 0.2 mm unless otherwise specified.


Similar Part No. - AM119

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AM1100F PANASONIC-AM1100F Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1101F PANASONIC-AM1101F Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1103F PANASONIC-AM1103F Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1105F PANASONIC-AM1105F Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
AM1106F PANASONIC-AM1106F Datasheet
228Kb / 8P
HIGH CONTACT CAPACITY, PRECISE OPERATION
More results

Similar Description - AM119

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP52-0002 MACOM-DP52-0002 Datasheet
142Kb / 2P
Low Cost SMT Dual Band Diplexer
DP52-0005 MACOM-DP52-0005 Datasheet
53Kb / 2P
Low Cost SMT Dual Band Diplexer
logo
Infineon Technologies A...
PMB8825 INFINEON-PMB8825 Datasheet
188Kb / 2P
Dual-Band Power Amplifier for WLAN Systems
2003
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
American Accurate Compo...
JXMBSG-T-L20-01-C AAC-JXMBSG-T-L20-01-C Datasheet
170Kb / 1P
WLAN 2.4GHz Cavity Diplexer
logo
Pulse A Technitrol Comp...
W1039B030 PULSE-W1039B030 Datasheet
137Kb / 1P
Dual Band WLAN Antenna
W3079 PULSE-W3079 Datasheet
1Mb / 12P
Ceramic Dual Band WLAN
logo
World Produts Inc.
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
WPANT10064 WPI-WPANT10064 Datasheet
86Kb / 2P
Dual-band Wi-Fi / WLAN Antenna
logo
silex technology americ...
SX-PCEAC-DB SILEX-SX-PCEAC-DB Datasheet
715Kb / 2P
Dual Band 802.11ac PCIe WLAN Module
REV A 20192903
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com