Electronic Components Datasheet Search
  English  ▼

X  

AP1601 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1601
Description  Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1601 Datasheet(HTML) 1 Page - Anachip Corp

  AP1601 Datasheet HTML 1Page - Anachip Corp AP1601 Datasheet HTML 2Page - Anachip Corp AP1601 Datasheet HTML 3Page - Anachip Corp AP1601 Datasheet HTML 4Page - Anachip Corp AP1601 Datasheet HTML 5Page - Anachip Corp AP1601 Datasheet HTML 6Page - Anachip Corp AP1601 Datasheet HTML 7Page - Anachip Corp AP1601 Datasheet HTML 8Page - Anachip Corp AP1601 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1601
Step-Up DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.1 Apr. 14, 2005
1/9
Features
-A Guaranteed Start-Up from less than 0.9 V.
-High Efficiency.
-Low Quiescent Current.
-Less Number of External Components needed.
-Low Ripple and Low Noise.
-Space Saving Packages: MSOP-8L and
MSOP-10L.
Applications
-Pagers.
-Cameras.
-Wireless Microphones.
-Pocket Organizers.
-Battery Backup Suppliers.
-Portable Instruments.
General Description
The AP1601 is a high efficiency step-up DC/DC
converter for applications using 1 to 4 NiMH battery
cells. Only three external components are required
to deliver a fixed output voltage of 3.3V or 5V. The
AP1601 starts up from less than 0.9V input with
1mA load. Pulse Frequency Modulation scheme
brings optimized performance for applications with
light output loading and low input voltages. The
output ripple and noise are lower compared with the
circuits operating in PSM mode.
The PFM control circuit operating in 100KHz (max.)
switching
rate
results
in
smaller
passive
components. The space saving MSOP packages
make the AP1601 an ideal choice of DC/DC
converter for space conscious applications, like
pagers,
electronic
cameras,
and
wireless
microphones.
Pin Assignments
1
3
2
4
8
6
7
5
MSOP-8L
FB
LBI
REF
OUT
LX
GND
LBO
SHDN
1
3
2
10
8
9
MSOP-10L
FB
LBI
OUT
LX
GND
47
CLSEL
56
REF
BATT
SHDN
LBO
Pin Descriptions
Name
Description
FB
Use a resistor network to set the output
voltage from +2.0V to +5.5V.
If FB=Vout, Vout=3.3V fix voltage
FB=GND, Vout=5V fix voltage
LBI
Low-Battery Comparator Input. Internally set
to trip at +1.30V.
LBO
Open-Drain Low-Battery Comparator Output.
Connect LBO to OUT through a 100kΩ
resistor. Output is low when VLBI is <1.2V.
LBO
is high impedance during shutdown.
REF
1.2V Reference Voltage. Bypass with a 0.1µF
capacitor.
OUT
Power Output. OUT provides bootstrap power
to the IC.
LX
N-Channel and P-Channel Power MOSFET
Drain
GND Ground
SHDN
Shutdown Input. Drive high (>80% of VOUT) for
operating mode. Drive low (<20% of VOUT) for
shutdown mode. Connect to OUT for normal
operation.
CLSEL
Current-Limit Select Input. CLSEL = OUT sets
the current limit to 0.8A. CLSEL = GND sets
the current limit to 0.4A.
BATT
Battery
Input
and
Damping
Switch
Connection. If damping switch is unused,
leave BATT unconnected.


Similar Part No. - AP1601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1601 DIODES-AP1601 Datasheet
167Kb / 12P
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
logo
Asahi Kasei Microsystem...
AP1601 AKM-AP1601 Datasheet
919Kb / 22P
LED light control IC, dimmer compatible
logo
Diodes Incorporated
AP1601M10G-13 DIODES-AP1601M10G-13 Datasheet
167Kb / 12P
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
AP1601M8G-13 DIODES-AP1601M8G-13 Datasheet
167Kb / 12P
STEP-UP DC/DC CONVERTER
AP1601 Rev. 5
More results

Similar Description - AP1601

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_10 Datasheet
188Kb / 10P
STEP-UP DC/DC CONVERTER
DS31131 Rev. 3 - 2
logo
Unisonic Technologies
UC8383 UTC-UC8383 Datasheet
446Kb / 10P
STEP-UP DC/DC CONVERTER
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com