Electronic Components Datasheet Search
  English  ▼

X  

MA08024 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA08024
Description  SAW Filter 326.40MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA08024 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA08024 Datasheet HTML 1Page - Golledge Electronics Ltd MA08024 Datasheet HTML 2Page - Golledge Electronics Ltd MA08024 Datasheet HTML 3Page - Golledge Electronics Ltd MA08024 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 326.40MHz
Model: TB0191A
Part No: MA08024
REV. NO.: 1
TB0191A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. Operate Temperature: -30°C to 80°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
TST
Max.
Center frequency, Fc
MHz
-
326.4
-
Minimum Insertion Loss, IL
dB
-
12
17
2dB Lower Frequency
MHz
318.2
318.9
2dB Upper Frequency
MHz
333.9
335.0
-
2dB Bandwidth
MHz
15
16.8
-
40dB Lower Frequency
MHz
313.9
315.7
-
40dB Upper Frequency
MHz
338.0
338.9
40 dB Bandwidth
MHz
-
22.3
-
Input VSWR (318.9-333.9MHz)
-
-
1.3
2
Output VSWR (318.9-333.9MHz)
-
-
1.67
2
Group Delay ripple (318.9-333.9MHz)
nS
-
60
100
Amplitude ripple (323.9-328.9MHz)
dB
-
0.5
1
Attenuation:(Reference level from Min IL)
10~276.4MHz
dB
50
60
60
276.4MHz~306.4MHz
dB
45
53
51
346.4MHz~376.4MHz
dB
45
56
56
376.4MHz~450MHz
dB
50
64
64


Similar Part No. - MA08024

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08014 GOLLEDGE-MA08014 Datasheet
377Kb / 5P
SAW Filter 1216MHz
MA08030 GOLLEDGE-MA08030 Datasheet
250Kb / 5P
SAW Filter 246.0MHz
MA08038 GOLLEDGE-MA08038 Datasheet
90Kb / 6P
SAW Filter 821.5MHz
MA08039 GOLLEDGE-MA08039 Datasheet
122Kb / 5P
SAW Filter 776.50MHz
logo
RFE international
MA0805SXR104K500R RFE-MA0805SXR104K500R Datasheet
466Kb / 2P
MULTILAYER CERAMIC CAPACITORS MA_ _ _ _S: Soft / Flex Terminations
2019.01.04
More results

Similar Description - MA08024

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com