Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATMEGA640
Description  8- BIT Microcontroller with 256K Bytes In-System Programmable Flash
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 30Page - ATMEL Corporation ATMEGA640 Datasheet HTML 31Page - ATMEL Corporation ATMEGA640 Datasheet HTML 32Page - ATMEL Corporation ATMEGA640 Datasheet HTML 33Page - ATMEL Corporation ATMEGA640 Datasheet HTML 34Page - ATMEL Corporation ATMEGA640 Datasheet HTML 35Page - ATMEL Corporation ATMEGA640 Datasheet HTML 36Page - ATMEL Corporation ATMEGA640 Datasheet HTML 37Page - ATMEL Corporation ATMEGA640 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 407 page
background image
34
ATmega640/1280/1281/2560/2561
2549A–AVR–03/05
• Bit 3..2 – SRW11, SRW10: Wait-state Select Bits for Upper Sector
The SRW11 and SRW10 bits control the number of wait-states for the upper sector of
the external memory address space, see Table 5.
• Bit 1..0 – SRW01, SRW00: Wait-state Select Bits for Lower Sector
The SRW01 and SRW00 bits control the number of wait-states for the lower sector of
the external memory address space, see Table 5.
Note:
1. n = 0 or 1 (lower/upper sector).
For further details of the timing and wait-states of the External Memory Interface, see
Figures 16 through Figures 19 for how the setting of the SRW bits affects the timing.
Table 4. Sector limits with different settings of SRL2..0
SRL2
SRL1
SRL0
Sector Limits
00
x
Lower sector = N/A
Upper sector = 0x2200 - 0xFFFF
01
0
Lower sector = 0x2200 - 0x3FFF
Upper sector = 0x4000 - 0xFFFF
01
1
Lower sector = 0x2200 - 0x5FFF
Upper sector = 0x6000 - 0xFFFF
10
0
Lower sector = 0x2200 - 0x7FFF
Upper sector = 0x8000 - 0xFFFF
10
1
Lower sector = 0x2200 - 0x9FFF
Upper sector = 0xA000 - 0xFFFF
11
0
Lower sector = 0x2200 - 0xBFFF
Upper sector = 0xC000 - 0xFFFF
11
1
Lower sector = 0x2200 - 0xDFFF
Upper sector = 0xE000 - 0xFFFF
Table 5. Wait States(1)
SRWn1
SRWn0
Wait States
0
0
No wait-states
0
1
Wait one cycle during read/write strobe
1
0
Wait two cycles during read/write strobe
1
1
Wait two cycles during read/write and wait one cycle before driving out
new address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com