Electronic Components Datasheet Search
  English  ▼

X  

ASM1832F Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM1832F
Description  3.3V UP Power Supply Monitor and Reset Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1832F Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM1832F Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1832F Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ASM1832
5 of 9
Notice: The information in this document is subject to change without notice
3.3V µP Power Supply Monitor and Reset Circuit
rev 1.5
February 2005
Absolute Maximum Ratings
DC Electrical Characteristics
Unless otherwise stated, 1.2 <= VCC<=5.5V and over the operating temperature range of -40°C to +85°C. All voltages are
referenced to ground.
Parameter
Min
Max
Unit
Voltage on VCC
-0.5
7
V
Voltage on ST, TD
-0.5
VCC + 0.5
V
Voltage on PBRST, RESET, RESET
-0.5
VCC + 0.5
V
Operating Temperature Range
-40
+85
°C
Soldering Temperature (for 10 sec)
+260
°C
Storage Temperature
-55
+125
°C
ESD rating
HBM
MM
2
200
KV
V
Note:
1. Voltages are measured with respect to ground
2. These are stress ratings only and functional implication is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.0
5.5
V
ST and PBRST Input High
Level
VIH
VCC >=2.7V
2
VCC + 0.3
V
ST and PBRST Input High
Level
VIH
VCC<2.7V
VCC - 0.4V
V
ST and PBRST Input Low
Level
VIL
-0.3
0.5
V
VCC Trip Point (TOL = GND)
VCCTP
2.80
2.88
2.97
V
VCC Trip Point (TOL = VCC)VCCTP
2.47
2.55
2.64
V
Watchdog Timeout Period
tTD
TD = GND
62.5
150
250
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com