Electronic Components Datasheet Search
  English  ▼

X  

HT23B60 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT23B60
Description  60x11 Pixel Data Bank 8-Bit Mask MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23B60 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT23B60 Datasheet HTML 17Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 18Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 19Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 20Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT23B60 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
HT23B60
Rev. 1.10
21
March 1, 2004
When the reset conditions occurred, some registers may be changed or unchanged.
Register
Addr.
Reset Conditions
Power On
RES Pin
RES Pin
(Sleep/Idle)
WDT
WDT
(Sleep/Idle)
IAR0
00H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
01H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
02H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
03H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
04H
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
ACC
05H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
06H
0000H
0000H
0000H
0000H
0000H
TBLP
07H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
08H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
09H
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
0AH
--00 xxxx
--uu uuuu
--01 uuuu
--1u uuuu
--11 uuuu
INTC0
0BH
0000 0000
0000 0000
0000 0000
0000 0000
0uuu uuuu
TMR0H
0CH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0L
0DH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0C
0EH
0000 1000
0000 1000
0000 1000
0000 1000
uu0u u000
PA
12H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
13H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
14H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
15H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
INTC1
1EH
0000 -000
0000 -000
0000 -000
-000 -000
0uuu 0uuu
TBHP
1FH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
RTC
24H
0000 0000
u0u0 0000
u0u0 0000
u0u0 0000
u0u0 0000
OPMODE
26H
0100 0000
01u0 0000
01u0 0000
01u0 0000
01u0 0000
TMR2H
2AH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR2L
2BH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR2C
2CH
0000 1000
0000 1000
0000 1000
0000 1000
uu0u u000
LCDC
2DH
0000 0000
0000 0000
0000 0000
0000 0000
u00u 0u00
PFDC
2FH
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uu00
PWMC
30H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PWM
31H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
SRC
32H
0001 0000
0001 0000
0001 0000
0001 0000
uuuu uuuu
SRD
33H
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
VLCD
34H
0000 0000
0000 0000
0000 0000
0000 0000
uuuu 0000
PAPHC
35H
1111 1111
1111 1111
1111 1111
1111 1111
00uu uuuu
PBPHC
36H
0011 1111
0011 1111
0011 1111
0011 1111
uuuu uuuu
LCDPC
37H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
LCDPCC
38H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
LCDPD
39H
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
LCDPDC
3AH
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
RAM (Data & LCD)
x
u
u
u
u
Note:
²u² stands for ²unchanged²
²x² stands for ²unknown²
²-² stands for ²unused²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com