Electronic Components Datasheet Search
  English  ▼

X  

HT82J97E Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82J97E
Description  USB Joystick Encoder 8-Bit OTP MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82J97E Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82J97E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82J97E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
ROM Code
Option
Description
PA0~PA7
I/O
Pull-low
Pull-high
Wake-up
CMOS/NMOS/PMOS
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by ROM code option. The input or output mode is con-
trolled by PAC (PA control register).
Pull-high resistor options: PA0~PA7
Pull-low resistor options: PA0~PA3
CMOS/NMOS/PMOS options: PA0~PA7
Wake-up options: PA0~PA7
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB5/AN5
PB6/VRL
I/O
Pull-high
Analog input
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined
by pull-high options).
The PB can be used as analog input of the analog to digital converter
(determined by options).
Pull-low resistor for options: PB2, PB3
PB4/AN4
PB7/VRH
I/O
Pull-high
Analog input
Wake-up
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (determined
by pull-high options).
The PB can be used as analog input of the analog to digital converter
(determined by options).
Wake-up options: PB4, PB7
VSS
¾¾
Negative power supply, ground
PC0~PC3
I/O
Pull-high
Bidirectional I/O lines. Software instructions determine the CMOS out-
put or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
PC2 can be used as PWM1 output
PC3 can be used as PWM2 output
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
V33O
O
¾
3.3V regulator output
USBD+/CLK
I/O
¾
USBD+ or PS2 CLK I/O line
USB or PS2 function is controlled by software control register
USBD-/DATA
I/O
¾
USBD- or PS2 DATA I/O line
USB or PS2 function is controlled by software control register
OSCI
OSCO
I
O
¾
OSCI, OSCO are connected to a 6MHz or 12MHz crystal/resonator (de-
termined by software instructions) for the internal system clock.
HT82J97E
Rev. 1.30
2
May 10, 2004
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
H T 8 2 J 9 7 E
2 0 S O P - A
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S
P A 0
P A 1
P B 2
P B 3
P B 4
O S C I
O S C O
V D D
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P B 7
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 8 2 J 9 7 E
2 8 S O P - A
V S S
V 3 3 O
U S B D + / C L K
U S B D - / D A T A
R E S
P A 0
P A 1
P C 0
P C 1
P B 0 / A N 0
P B 1 / A N 1
P B 2 / A N 2
P B 3 / A N 3
P B 4 / A N 4
O S C I
O S C O
V D D
P C 3 / P W M 2
P C 2 / P W M 1
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P B 7 / V R H
P B 6 / V R L
P B 5 / A N 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com