Electronic Components Datasheet Search
  English  ▼

X  

PEX8603 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8603
Description  3-lane, 3-port PCIe Gen2 switch Integrate 5.0 GT/s SerDes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8603 Datasheet(HTML) 3 Page - PLX Technology

  PEX8603 Datasheet HTML 1Page - PLX Technology PEX8603 Datasheet HTML 2Page - PLX Technology PEX8603 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PEX 8603, PCI Express Gen 2 Switch, 3 Lanes, 3 Ports
© PLX Technology, www.plxtech.com
Page 3 of 3
8/17/2011, Version 1.1
example where the PEX8603 is configured as x2, x1. In this
example, the x2 link is running at the lower data rate (2.5GT/s)
while a single x1 port is running at the higher data rate (5.0
GT/s). In this usage model, the PEX8603 acts as a bridge
between Gen 1 and Gen 2 devices allowing the faster device to
operate at its full bandwidth capabilities.
Figure 5. Gen 1 to Gen 2 Bandwidth Bridge
Software Usage Model
From a system model viewpoint, each PCI Express port is a
virtual PCI to PCI bridge device and has its own set of PCI
Express configuration registers. It is through the upstream port
that the BIOS or host can configure the other ports using
standard PCI enumeration. The virtual PCI-to-PCI bridges
within the PEX8603 are compliant to the PCI and PCI Express
system models. The Configuration Space Registers (CSRs) in a
virtual primary/secondary PCI-to-PCI bridge are accessible by
type 0 configuration cycles through the virtual primary bus
interface (matching bus number, device number, and function
number).
Interrupt Sources/Events
The PEX8603 supports the INTx interrupt message type
(compatible with PCI 2.3 Interrupt signals) or Message Signaled
Interrupts (MSI) when enabled. Interrupts/messages are
generated by PEX8603 for Hot-Plug events, doorbell interrupts,
baseline error reporting, and advanced error reporting.
Development Tools
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a hardware
module (PEX8603 RDK), hardware documentation
(available at www.plxtech.com), and a Software Development
Kit (also available at www.plxtech.com).
ExpressLane PEX8603 RDK
The PEX8603 RDK is a hardware module containing the
PEX8603 which plugs right into your system. The PEX8603
RDK can be used to test and validate customer software, or used
as an evaluation vehicle for PEX8603 features and benefits. The
PEX8603 RDK provides everything that a user needs to get their
hardware and software development started.
Figure 6. PEX8603 Rapid Development Kit
Software Development Kit (SDK)
PLX’s Software Development Kit is available for download at
www.plxtech.com/sdk. The software development kit includes
drivers, source code, and GUI interfaces to aid in configuring
and debugging the PEX8603.
Both performancePAK and visionPAK are supported by PLX’s
RDK and SDK, the industry’s most advanced hardware- and
software-development kits.
Product Ordering Information
Part Number
Description
PEX8603-AA50NI G
3 Lane, 3 Port PCI Express Gen 2.0
Switch, Pb-Free (10x10mm
2
PEX8603-AA RDK
aQFN)
PEX 8603 Rapid Development Kit +
CM108 (one x1 upstream port, two x1
downstream ports)
PEX 8603-AA-2U1D
RDK
PEX 8603 Rapid Development Kit +
CM107 (one x2 upstream port, one x1
downstream port)
PLX Technology, Inc. All rights reserved. PLX, the PLX logo, ExpressLane,
Read Pacing, Dual Cast, performancePAK and visionPAK are trademarks of
PLX Technology, Inc. All other product names that appear in this material are
for identification purposes only and are acknowledged to be trademarks or
registered trademarks of their respective companies. Information supplied by
PLX is believed to be accurate and reliable, but PLX assumes no responsibility
for any errors that may appear in this material. PLX reserves the right, without
notice, to make changes in product design or specification.
Visit www.plxtech.com for more information.
PEX8518
EEPROM
DIP switch
for cfg.
JTAG
Header
RefClk
x4
PERST#
PORT 2 - X4
Manual
Reset
(Upstream Port)
Lane Status
LEDs
PORT 1 - X4
Reset
Ckt.
I2C
PEX
8518
PEX 8603



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com