Electronic Components Datasheet Search
  English  ▼

X  

BAT54C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAT54C
Description  Small Signal Schottky Diodes, Single Dual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54C Datasheet(HTML) 3 Page - Vishay Siliconix

  BAT54C Datasheet HTML 1Page - Vishay Siliconix BAT54C Datasheet HTML 2Page - Vishay Siliconix BAT54C Datasheet HTML 3Page - Vishay Siliconix BAT54C Datasheet HTML 4Page - Vishay Siliconix BAT54C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT54 / 54A / 54C / 54S
Document Number 85508
Rev. 1.6, 24-Nov-04
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Typical Forward Voltage Forward Current at Various
Temperatures
Figure 2. Typical Capacitance °C vs. Reverse Applied Voltage VR
Figure 3. Typical Variation of Reverse Current at Various
Temperatures
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2 1.4
1000
100
10
1
0.1
VF in V
TJ = -40°
ˇ
C
TJ =25ˇ°C
TJ = 125°
ˇ
C
18025
0
0
4
812
10
12
14
8
6
4
2
VR in V
16
20
24
28
18026
0.01
0
5
10
15
20
25
30
1000
100
10
1
0.1
VR in V
TJ = 25°ˇC
TJ =50ˇ°C
TJ =75°ˇC
TJ =125°ˇC
TJ =100°ˇC
18027



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com