Electronic Components Datasheet Search
  English  ▼

X  

1N4448WS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N4448WS
Description  Small Signal Fast Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4448WS Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4448WS Datasheet HTML 1Page - Vishay Siliconix 1N4448WS Datasheet HTML 2Page - Vishay Siliconix 1N4448WS Datasheet HTML 3Page - Vishay Siliconix 1N4448WS Datasheet HTML 4Page - Vishay Siliconix 1N4448WS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N4448WS
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 07-Jul-17
2
Document Number: 81387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Characteristics
Fig. 2 - Dynamic Forward Resistance vs. Forward Current
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Relative Capacitance vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1V
IF = 5 mA
VF
0.620
0.720
V
Leakage current
VR = 20 V
IR
25
nA
VR = 75 V
IR
5μA
VR = 20 V, Tj = 150 °C
IR
50
μA
Diode capacitance
VF = VR = 0 V
CD
4pF
Reverse recovery time
IF = 10 mA, iR = 1 mA, VR = 6 V,
RL = 100
Ω
trr
4ns
18105
VF (V)
T
j = 100 °C
T
j = 25 °C
10- 2
10- 1
102
103
1
10
12
0
17438
f = 1 kHz
T
j = 25 °C
IF (mA)
10
10
2
10
3
10
4
10
-2
10
-1
110
2
10
2
5
2
5
2
5
2
5
0
50
100
150
200
250
0
50
100
150
200
20324
T
amb - Ambient Temperature (°C)
17440
VR (V)
0.7
0.8
0.9
1.0
1.1
f = 1 MHz
T
j = 25 °C
2
08
6
410



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com