Electronic Components Datasheet Search
  English  ▼

X  

APL5701 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5701
Description  Adjustable Low Dropout 700mA Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5701 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5701 Datasheet HTML 1Page - Anpec Electronics Coropration APL5701 Datasheet HTML 2Page - Anpec Electronics Coropration APL5701 Datasheet HTML 3Page - Anpec Electronics Coropration APL5701 Datasheet HTML 4Page - Anpec Electronics Coropration APL5701 Datasheet HTML 5Page - Anpec Electronics Coropration APL5701 Datasheet HTML 6Page - Anpec Electronics Coropration APL5701 Datasheet HTML 7Page - Anpec Electronics Coropration APL5701 Datasheet HTML 8Page - Anpec Electronics Coropration APL5701 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2017
APL5701/2
www.anpec.com.tw
2
Pin Configuration
= Exposed Pad (connected to ground plane for better heat dissipation)
SOT23-6
(Top View)
4 VOUT
6 SET
GND 2
5 POK
VIN 3
SHDN 1
APL5701/A
SOT23-5
(Top View)
GND 2
5 SET
VIN 3
4 VOUT
SHDN 1
APL5701/A
TDFN3X3-10
(Top View)
VOUT 3
8 VIN
SET 1
POK 2
7 VIN
6 VIN
VOUT 4
9 GND
VOUT 5
10 SHDN
APL5701/A
TDFN2X2-8
(Top View)
SET 1
VOUT 3
6 VIN
POK 2
5 VIN
VOUT 4
7 GND
8 SHDN
APL5702/A
SOP-8P
(Top View)
1
2
3
4
8
7
6
5
SHDN
GND
VIN
VIN
SET
POK
VOUT
VOUT
APL5701/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com