Electronic Components Datasheet Search
  English  ▼

X  

APW7212 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7212
Description  1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7212 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7212 Datasheet HTML 1Page - Anpec Electronics Coropration APW7212 Datasheet HTML 2Page - Anpec Electronics Coropration APW7212 Datasheet HTML 3Page - Anpec Electronics Coropration APW7212 Datasheet HTML 4Page - Anpec Electronics Coropration APW7212 Datasheet HTML 5Page - Anpec Electronics Coropration APW7212 Datasheet HTML 6Page - Anpec Electronics Coropration APW7212 Datasheet HTML 7Page - Anpec Electronics Coropration APW7212 Datasheet HTML 8Page - Anpec Electronics Coropration APW7212 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Apr., 2014
APW7212
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 7
V
VOUT
VOUT to GND Voltage
-0.3 ~ 7
V
VSW
SW to GND Voltage
-0.3 ~ 7
V
FB, EN and PS to GND Voltage
-0.3 ~ 7
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
TDFN2x2-8
TSOT-23-6A
85
220
°C/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of package is soldered directly on the PCB.
Thermal Characteristics
Package Code
QB : TDFN2x2-8 CT : TSOT-23-6A
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
Assembly Material
G: Halogen and Lead Free Device
X - Date Code
APW7212
Handling Code
Temperature Range
Package Code
Assembly Material
APW7212 QB:
7212
X
X - Date Code
APW7212 CT:
W12X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com