Electronic Components Datasheet Search
  English  ▼

X  

APL5933C Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5933C
Description  3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5933C Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5933C Datasheet HTML 1Page - Anpec Electronics Coropration APL5933C Datasheet HTML 2Page - Anpec Electronics Coropration APL5933C Datasheet HTML 3Page - Anpec Electronics Coropration APL5933C Datasheet HTML 4Page - Anpec Electronics Coropration APL5933C Datasheet HTML 5Page - Anpec Electronics Coropration APL5933C Datasheet HTML 6Page - Anpec Electronics Coropration APL5933C Datasheet HTML 7Page - Anpec Electronics Coropration APL5933C Datasheet HTML 8Page - Anpec Electronics Coropration APL5933C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2017
APL5933A/B/C/D
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
Features
•
Ultra Low Dropout
- 0.19V (Typical) at 3A Output Current
•
Low ESR output Capasitor (Milti-layer Chip
Capasitors (MLCC)) Applicable
•
0.8V Reference Voltage
•
High Output Accuracy
•
Fast Transient Response
•
Adjustable Output Voltage
•
Power-On-Reset Monitoring on Both VCNTL and
VIN Pins
•
Internal Soft-Start
•
Current-Limit and Short Current-Limit Protections
•
Thermal Shutdown with Hysteresis
•
Open-Drain VOUT Voltage Indicator (POK)
•
Low Shutdown Quiescent Current (< 30
µA )
•
Built in Shutdown/Enable Control with floating high/
low Function
•
Simple SOP-8P and TDFN3x3-10 Packages with
Exposed Pad
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APL5933A/B/C/D is a 3A ultra low dropout linear
regulator. The IC needs two supply voltages, one is a
control voltage (V
CNTL) for the control circuitry, the other is
a main supply Voltage(V
IN) for power conversion, to re-
duce power dissipation and provide extremely low drop-
out voltage.
The APL5933A/B/C/D integrates many functions. A Power-
On-Reset (POR) circuit monitors both supply voltages on
V
CNTL and VIN pins to prevent erroneous operations. The
functions of thermal shutdown and current-limit protect
the device against thermal and current over-loads. A POK
indicates that the output voltage status with a delay time
set internally. It can control other converter for power
sequence. APL5933A/B/C/D can be enabled by other
power systems. Pulling and holding the EN voltage be-
low 0.4V or ENB above 1.2V will shuts off the output.
The APL5933A/B/C/D is available in a SOP-8P package
which features small size as SOP-8 and an Exposed
Pad to reduce the junction-to-case resistance to extend
power range of applications.
•
Motherboards, VGA Cards
•
Notebook PCs
•
Add-in Cards
Simplified Application Circuit
VCNTL
VOUT
VIN
GND
VOUT
VCNTL
POK
VIN
EN
Enable
EN
POK
APL5933
A/B/C/D
FB
Optional


Similar Part No. - APL5933C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5930 ANPEC-APL5930 Datasheet
304Kb / 17P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5930 ANPEC-APL5930 Datasheet
353Kb / 20P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5930KAI ANPEC-APL5930KAI Datasheet
304Kb / 17P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5930KAI-TRG ANPEC-APL5930KAI-TRG Datasheet
304Kb / 17P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5930KAI-TRG ANPEC-APL5930KAI-TRG Datasheet
353Kb / 20P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results

Similar Description - APL5933C

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5930 ANPEC-APL5930 Datasheet
304Kb / 17P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5934 ANPEC-APL5934 Datasheet
622Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5930 ANPEC-APL5930_13 Datasheet
353Kb / 20P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5932A ANPEC-APL5932A Datasheet
489Kb / 21P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5934 ANPEC-APL5934_18 Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5932 ANPEC-APL5932 Datasheet
489Kb / 21P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com