Electronic Components Datasheet Search
  English  ▼

X  

APL5933D Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5933D
Description  3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5933D Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5933D Datasheet HTML 1Page - Anpec Electronics Coropration APL5933D Datasheet HTML 2Page - Anpec Electronics Coropration APL5933D Datasheet HTML 3Page - Anpec Electronics Coropration APL5933D Datasheet HTML 4Page - Anpec Electronics Coropration APL5933D Datasheet HTML 5Page - Anpec Electronics Coropration APL5933D Datasheet HTML 6Page - Anpec Electronics Coropration APL5933D Datasheet HTML 7Page - Anpec Electronics Coropration APL5933D Datasheet HTML 8Page - Anpec Electronics Coropration APL5933D Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Aug., 2017
APL5933A/B/C/D
www.anpec.com.tw
4
Electrical Characteristics
Unless otherwise specified. These specifications apply over V
CNTL=5V, v
IN=
1.8
v, V
OUT=1.2V, and TA= -40 ~ 85
oC, unless otherwise
specified. Typical values are at T
J=25
oC.
APL5933A/B/C/D
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCNTL
VCNTL Supply Current
EN=VCNTL, IOUT=0A
-
1.0
1.5
mA
ISD
VCNTL Supply Current at
Shutdown
EN=GND or ENB=VCNTL
-
20
30
µA
VIN Supply Current at
Shutdown
VIN=5.5V, EN=GND or ENB=VCNTL
-
-
1
µA
POWER-ON-RESET (POR)
Rising VCNTL POR Threshold
2.5
2.7
2.9
V
VCNTL POR Hysteresis
-
0.4
-
V
Rising VIN POR Threshold
0.8
0.9
1.0
V
VIN POR Hysteresis
-
0.5
-
V
OUTPUT VOLTAGE
VREF
Reference Voltage
FB=VOUT
0.792
0.8
0.808
V
Output Voltage Accuracy
VCNTL =3.0~5.5V, IOUT= 0~3A,
TJ= -40~125
oC
-1.5
-
+1.5
%
Load Regulation
IOUT=0A ~3A
-
0.06
0.25
%
Line Regulation
IOUT=10mA, VCNTL=3.0 ~ 5.5V
-0.15
-
+0.15
%/V
VOUT Pull-Low Resistance
VCNTL=5V, VEN=0V or VENB=5V, VOUT
<0.8V
-
80
-
Ω
FB Input Current
VFB=0.8V
-100
-
100
nA
DROPOUT VOLTAGES
TJ=25
oC
-
0.24
0.29
VOUT=2.5V
TJ=-40~125
oC
-
-
0.39
TJ=25
oC
-
0.22
0.26
VOUT=1.8V
TJ=-40~125
oC
-
-
0.35
TJ=25
oC
-
0.21
0.25
VDROP
VIN-to-VOUT Dropout Voltage
VCNTL=5.0V,
IOUT=3A
VOUT=1.2V
TJ=-40~125
oC
-
-
0.34
V
PROTECTIONS
TJ=25
οC
3.6
4.0
4.6
ILIM
Current-Limit Level
TJ= -40 ~ 125
οC
3.2
-
-
A
ISHORT
Short Current-Limit Level
VFB<0.2V
-
0.9
-
A
Short Current-Limit Blanking Time From beginning of soft-start
1.5
3.4
-
ms
TSD
Thermal Shutdown Temperature
TJ rising
-
150
-
oC
Thermal Shutdown Hysteresis
-
50
-
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com