Electronic Components Datasheet Search
  English  ▼

X  

APW8707 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8707
Description  High-Performance, High-Current DrMOS Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8707 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8707 Datasheet HTML 1Page - Anpec Electronics Coropration APW8707 Datasheet HTML 2Page - Anpec Electronics Coropration APW8707 Datasheet HTML 3Page - Anpec Electronics Coropration APW8707 Datasheet HTML 4Page - Anpec Electronics Coropration APW8707 Datasheet HTML 5Page - Anpec Electronics Coropration APW8707 Datasheet HTML 6Page - Anpec Electronics Coropration APW8707 Datasheet HTML 7Page - Anpec Electronics Coropration APW8707 Datasheet HTML 8Page - Anpec Electronics Coropration APW8707 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Nov., 2017
www.anpec.com.tw
2
APW8707
Ordering and Marking Information
Pin Configuration
Note:ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
APW8707
Handling Code
Temperature Range
Package Code
Assembly Material
Package Code
Operating Ambient Temperature Range
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW8707 QB:
X - Date Code
APW8707
XXXXX
I : -40 to 85oC
QB : TQFN 5x5-30
TQFN5x5-30 (TOP VIEW)
AGND
VIN
LX
OCSET1
OCB2
EN3
AGND4
SMOD5
PWM6
NC7
8
9
10
11
12
13
14
LX
22
LX
21
LX
20
PGND
19
PGND
18
PGND
17
PGND
16
PGND
15
30
29
28
27
25
24
23
26
= Exposed and Thermal Pad
31
32
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com