Electronic Components Datasheet Search
  English  ▼

X  

DLPC3434 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3434
Description  Low-Power DMD Interface With Interface Training
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3434 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC3434 Datasheet HTML 1Page - Texas Instruments DLPC3434 Datasheet HTML 2Page - Texas Instruments DLPC3434 Datasheet HTML 3Page - Texas Instruments DLPC3434 Datasheet HTML 4Page - Texas Instruments DLPC3434 Datasheet HTML 5Page - Texas Instruments DLPC3434 Datasheet HTML 6Page - Texas Instruments DLPC3434 Datasheet HTML 7Page - Texas Instruments DLPC3434 Datasheet HTML 8Page - Texas Instruments DLPC3434 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DLPC3434
DLPS145 – JULY 2018
DLPC3434 Datasheet
1
1 Features
1
•
DLP230KP (.23 HD) DMD Display Controller
–
Supports Input Resolutions Up to 720p
–
Low-Power DMD Interface With Interface
Training
•
Input Frame Rates Up to 120 Hz (60 Hz at 720p
Resolution)
•
24-Bit, Input Pixel Interface Including:
–
Parallel Interface Protocol
–
Pixel Clock Up to 150 MHz
–
Multiple Input Pixel Data Format Options
•
Pixel Data Processing Including:
–
IntelliBright™ Suite of Image Processing
Algorithms
–
Content Adaptive Illumination Control
–
Local Area Brightness Boost
–
Color Coordinate Adjustment
–
Active Power Management Processing
•
External Flash Support
•
Embedded Frame Memory (eDRAM)
•
System Features Including:
–
I2C Control of Device Configuration
–
Programmable LED Current Control
–
One Frame Latency
2 Applications
•
Smart Phone, Tablet, Laptop
•
Battery-Powered Mobile Accessory
•
Wearable (Near-Eye) Display
•
Smart Home Display
•
Smart Speaker
3 Description
The
DLPC3434
digital
controller,
part
of
the
DLP230KP (.23 720p) chipset, supports reliable
operation of the DLP230KP digital micromirror device
(DMD). The DLP230KP chipset enables small form
factor, low power, and high resolution HD displays.
Visit the getting started with TI DLP® PicoTM display
technology page to learn how to get started with the
DLP230KP chipset.
The
DLP230KP
chipset
includes
established
resources to help the user accelerate the design
cycle,
which
include
production
ready
optical
modules, optical modules manufactures, and design
houses.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC3434
NFBGA (176)
7.00 mm x 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DLPC3434

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC3434 TI1-DLPC3434 Datasheet
568Kb / 9P
Low-Power DMD Interface With Interface Training
DLPC3434 TI1-DLPC3434 Datasheet
173Kb / 6P
0.23 HD DMD Datasheet
More results

Similar Description - DLPC3434

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
Low Power PCM Line Interface
logo
Linear Technology
LTC485 LINER-LTC485_06 Datasheet
282Kb / 12P
Low Power RS485 Interface Transceiver
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
Low Power Touch Screen Controller with SPI??Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
Low Power Touch Screen Controller with I2C Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
Low Power Touch Screen Controller with SPI Interface
logo
Infineon Technologies A...
TLV493D-A1B6 INFINEON-TLV493D-A1B6_16 Datasheet
1,007Kb / 23P
Low Power 3D Magnetic Sensor with I2C Interface
Rev. 1.0, 2016-01-29
TLE493D-A2B6 INFINEON-TLE493D-A2B6 Datasheet
766Kb / 27P
Low Power 3D Hall Sensor with I2C Interface
Ver. 0.1 2018-04-20
logo
Texas Instruments
DLPC3434 TI1-DLPC3434 Datasheet
568Kb / 9P
Low-Power DMD Interface With Interface Training
logo
Infineon Technologies A...
TLI493D-A2B6 INFINEON-TLI493D-A2B6 Datasheet
487Kb / 21P
Low Power 3D Hall Sensor with I2C Interface
Ver. 1.3 2019-04-09
logo
Cirrus Logic
CS48L32 CIRRUS-CS48L32 Datasheet
9Mb / 192P
Low-Power Audio DSP with Microphone Interface
F4 NOV 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com