Electronic Components Datasheet Search
  English  ▼

X  

HT82V804 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82V804
Description  CCD 4CH Vertical Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V804 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82V804 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V804 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HT82V804
CCD 4CH Vertical Driver
Block Diagram
Pin Assignment
Rev. 1.00
1
April 15, 2004
F
eatures
· Operating voltage: 3.0V~5.5V
· Built-in seven circuits
- 2-level output:
2 circuits for vertical CCD clock driver
output voltage level (typ.) =
-9V to 0V
- 3-level output:
2 circuits for vertical CCD clock driver
output voltage level (typ.) =
-9V to 15V
- 2-level output:
1 circuit for shutter driver
output voltage level (typ.) =
-9V to 15V
· Switchable between NTSC (EIA) and PAL (CCIR)
modes
· 16-pin SSOP (150mil) package
General Description
HT82V804 is a CMOS vertical clock driver and shutter
driver IC for CCD area sensors. It has the capability of
converting the voltage and impedance from the CMOS
level.
V S S
O F D X
V 2 X
V 1 X
V H 1 A X
V 3 X
V H 3 A X
V 4 X
V H
P O F D
V L
V 2
V 1 A
V M E
V 3 A
V 4
V S S
O F D X
V 2 X
V 1 X
V H 1 A X
V 3 X
V H 3 A X
V 4 X
V H
P O F D
V L
V 2
V 1 A
V M E
V 3 A
V 4
H T 8 2 V 8 0 4
1 6 S S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8


Similar Part No. - HT82V804

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V805 HOLTEK-HT82V805 Datasheet
104Kb / 10P
CCD 4 Channel Vertical Driver
December 8, 2005
HT82V805 HOLTEK-HT82V805 Datasheet
133Kb / 12P
CCD 4 Channel Vertical Driver
December 29, 2005
HT82V805A HOLTEK-HT82V805A Datasheet
1Mb / 10P
CCD 4 Channel Vertical Driver
December 16, 2011
HT82V805 HOLTEK-HT82V805_1 Datasheet
133Kb / 12P
CCD 4 Channel Vertical Driver
December 29, 2005
HT82V806 HOLTEK-HT82V806 Datasheet
88Kb / 9P
CCD 6 Channel Vertical Driver
February 8, 2006
More results

Similar Description - HT82V804

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS7221D SAMSUNG-KS7221D Datasheet
110Kb / 7P
VERTICAL DRIVER FOR CCD
logo
Sony Corporation
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
CCD Vertical Clock Driver
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
CCD Vertical Clock Driver
logo
NEC
UPD16520A NEC-UPD16520A Datasheet
210Kb / 19P
VERTICAL DRIVER FOR CCD SENSORS
logo
Agamem Microelectronic ...
AA87221AP AGAMEM-AA87221AP Datasheet
281Kb / 9P
CCD VERTICAL DRIVER
AA87222AP AGAMEM-AA87222AP Datasheet
160Kb / 9P
CCD VERTICAL DRIVER
AA87223AP AGAMEM-AA87223AP Datasheet
277Kb / 9P
CCD VERTICAL DRIVER
AA87221 AGAMEM-AA87221 Datasheet
42Kb / 1P
CCD VERTICAL DRIVER
AA87222 AGAMEM-AA87222 Datasheet
42Kb / 1P
CCD VERTICAL DRIVER
AA87223 AGAMEM-AA87223 Datasheet
45Kb / 1P
CCD VERTICAL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com