Electronic Components Datasheet Search
  English  ▼

X  

C3025 Datasheet(PDF) 1 Page - IMP, Inc

Part # C3025
Description  Process C3025 CMOS 3Um 10 Volt Analog
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C3025 Datasheet(HTML) 1 Page - IMP, Inc

  C3025 Datasheet HTML 1Page - IMP, Inc C3025 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
93
© IMP, Inc.
Process C3025
CMOS 3
µm
10 Volt Analog
N-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTN
0.65
0.85
1.05
V
100x4
µm
Body Factor
γ
N
0.87
V1/2
100x4
µm
Conduction Factor
βN
40
48
56
µA/V2
100x100
µm
Effective Channel Length
LeffN
3.05
3.40
3.75
µm
100x4
µm
Width Encroachment
∆WN
0.550
µm
Per side
Punch Through Voltage
BVDSSN
16.5
V
Poly Field Threshold Voltage
VTFP(N)
12
V
P-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTP
–0.7
–0.9
–1.1
V
100x4
µm
Body Factor
γ
P
0.75
V1/2
100x4
µm
Conduction Factor
βP
13
16
19
µA/V2
100x100
µm
Effective Channel Length
LeffP
3.00
3.35
3.70
µm
100x4
µm
Width Encroachment
∆WP
0.8
µm
Per side
Punch Through Voltage
BVDSSP
–16.5
V
Poly Field Threshold Voltage
VTFP(P)
–12
V
Diffusion & Thin Films
Symbol
Minimum
Typical
Maximum
Unit
Comments
Well (field) Sheet Resistance
ρ
P-well(f)
3.25
5.25
7.25
K
Ω/
P-well
N+ Sheet Resistance
ρ
N+
13
20
27
Ω/
N+ Junction Depth
xjN+
0.8
µm
P+ Sheet Resistance
ρ
P+
50
80
100
Ω/
P+ Junction Depth
xjP+
0.7
µm
Gate Oxide Thickness
TGOX
45
48
51
nm
Interpoly Oxide Thickness
TP1P2
56
66
76
nm
Gate Poly Sheet Resistance
ρ
POLY1
15
22
30
Ω/
Bottom Poly Sheet Res.
ρ
POLY2
15
22
30
Ω/
Metal-1 Sheet Resistance
ρ
M1
50
m
Ω/
Passivation Thickness
TPASS
200+900
nm
oxide+nit.
Capacitance
Symbol
Minimum
Typical
Maximum
Unit
Comments
Gate Oxide
COX
0.68
0.72
0.78
fF/
µm2
Metal-1 to Poly-1
CM1P
0.047
0.0523
0.0575
fF/
µm2
Metal-1 to Silicon
CM1S
0.027
0.30
0.034
fF/
µm2
Poly-1 to Poly-2
CP1P2
0.453
0.523
0.617
fF/
µm2
Electrical Characteristics
T=25oC Unless otherwise noted
ISO 9001 Registered
®


Similar Part No. - C3025

ManufacturerPart #DatasheetDescription
logo
Powerbox
C302 POWERBOX-C302 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Coilcraft lnc.
C302 COILCRAFT-C302 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C302 COILCRAFT-C302 Datasheet
100Kb / 1P
Designer’s Kits
C302-2 COILCRAFT-C302-2 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C302-2 COILCRAFT-C302-2 Datasheet
100Kb / 1P
Designer’s Kits
More results

Similar Description - C3025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312 Datasheet
385Kb / 12P
10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
logo
IMP, Inc
C3013 IMP-C3013 Datasheet
26Kb / 2P
CMOS 3mm 10 Volt Single Metal Analog
C3014 IMP-C3014 Datasheet
26Kb / 2P
CMOS 3mm 5 Volt Single Metal Analog
C3015 IMP-C3015 Datasheet
33Kb / 2P
CMOS 3um Digital
C3017 IMP-C3017 Datasheet
38Kb / 2P
10 Volt Analog Mixed Mode
logo
Aplus Intergrated Circu...
AP8921A APLUS-AP8921A Datasheet
210Kb / 17P
Standard CMOS process
AIVR8511 APLUS-AIVR8511 Datasheet
194Kb / 7P
Standard CMOS process
logo
Shenzhen Huazhimei Semi...
HM1668 HMSEMI-HM1668 Datasheet
518Kb / 13P
Power CMOS process
logo
Thinki Semiconductor Co...
V1020 THINKISEMI-V1020 Datasheet
1Mb / 3P
THINKI 10 Ampere,200 Volt Traditional Planar Process Schottky Barrier Rectifier
Rev.12T
V10P20-M3 THINKISEMI-V10P20-M3 Datasheet
1Mb / 3P
THINKI 10 Ampere,200 Volt Traditional Planar Process Schottky Barrier Rectifier
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com