Electronic Components Datasheet Search
  English  ▼

X  

ICS950227 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS950227
Description  Programmable Timing Control Hub for P4
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950227 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS950227 Datasheet HTML 1Page - Integrated Circuit Systems ICS950227 Datasheet HTML 2Page - Integrated Circuit Systems ICS950227 Datasheet HTML 3Page - Integrated Circuit Systems ICS950227 Datasheet HTML 4Page - Integrated Circuit Systems ICS950227 Datasheet HTML 5Page - Integrated Circuit Systems ICS950227 Datasheet HTML 6Page - Integrated Circuit Systems ICS950227 Datasheet HTML 7Page - Integrated Circuit Systems ICS950227 Datasheet HTML 8Page - Integrated Circuit Systems ICS950227 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS950227
0641D—07/03/03
I
2C Table: Frequency Select Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
SPREAD ENABLE
Frequency H/W IIC
Select
RW
OFF
ON
0
Bit 6
CENTER/DOWNSP
READ SELECT
CENTER/DOWNSPRE
AD SELECT
RW
DOWN
SPREAD
CENTER
SPREAD
0
Bit 5
3V66/VCH SELECT 48MHz/66.66MHz SEL
RW
66.66MHz
48.00MHz
0
Bit 4
CPU_STOP#
CPU STOP Read Back
R
X
Bit 3
PCI_STOP#
HW/SW SELECT
Freq Select Bit 3
RW/R
PCI STOP
PCI
RUNNING
1
Bit 2
FS2
Freq Select 2 Read
Back
RX
Bit 1
FS1
Freq Select 1 Read
Back
RX
Bit 0
FS0
Freq Select 0 Read
Back
RX
I
2C Table: Spreading and Device Behavior Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
MULTSEL0
MULTSEL0
READBACK
RX
Bit 6
WD ALARM
Watchdog Alarm Read
Back
R
NO ALARM
ALARM SET
0
Bit 5
CPU2/CPUC2
RW
STOPPABLE FREE-RUN
0
Bit 4
CPU1/CPUC1
RW
STOPPABLE FREE-RUN
0
Bit 3
CPU0/CPUC0
RW
STOPPABLE FREE-RUN
0
Bit 2
CPU2/CPUC2
Output Control
RW
Disable
Enable
1
Bit 1
CPU1/CPUC1
Output Control
RW
Disable
Enable
1
Bit 0
CPU0/CPUC0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
PCICLK6
Output Control
RW
Disable
Enable
1
Bit 5
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK3
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
48MHz_DOT
Output Control
RW
Disable
Enable
1
Bit 6
48MHz_USB
Output Control
RW
Disable
Enable
1
Bit 5
PCIF2
RW
FREE-RUN STOPPABLE
0
Bit 4
PCIF1
RW
FREE-RUN STOPPABLE
0
Bit 3
PCIF0
RW
FREE-RUN STOPPABLE
0
Bit 2
PCICLK_F2
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK_F1
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK_F0
Output Control
RW
Disable
Enable
1
5
7
6
5
READBACK
Byte 1
43
READBACK
53
34
40
55
54
READBACK
Byte 0
-
-
35
-
45, 44
49, 48
52, 51
17
16
13
Byte 2
-
18
45, 44
49, 48
52, 51
12
11
10
6
Byte 3
38
39
7
CPU FREE-RUN NING
CONTROL
CPU FREE-RUN NING
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com