Electronic Components Datasheet Search
  English  ▼

X  

AFV121KGS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFV121KGS
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV121KGS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFV121KGS Datasheet HTML 2Page - NXP Semiconductors AFV121KGS Datasheet HTML 3Page - NXP Semiconductors AFV121KGS Datasheet HTML 4Page - NXP Semiconductors AFV121KGS Datasheet HTML 5Page - NXP Semiconductors AFV121KGS Datasheet HTML 6Page - NXP Semiconductors AFV121KGS Datasheet HTML 7Page - NXP Semiconductors AFV121KGS Datasheet HTML 8Page - NXP Semiconductors AFV121KGS Datasheet HTML 9Page - NXP Semiconductors AFV121KGS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
AFV121KH AFV121KHS AFV121KGS
960–1215 MHz REFERENCE CIRCUIT — 3 4 (7.62 cm  10.16 cm)
D68142
C22
C28
C2
C8
C20
C10
C9
C12
C13
C23
C14
C11
C5
C6
C7
C17
C18
C15
C19
C16
C24
C33
C32
Q1
R2
R1
C1
C30
C29
C25
C21
C31
+
C26
C27
+
+
+
+
L2
L1
C34
C4
C3
+
Figure 5. AFV121KH(HS) 960–1215 MHz Reference Circuit Component Layout
AFV121KH
COAX1
COAX2
COAX3
COAX4
Rev. 0
Table 9. AFV121KH(HS) 960–1215 MHz Reference Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
5.6 pF Chip Capacitors
ATC100B5R6CT500XT
ATC
C3
4.3 pF Chip Capacitor
ATC100B4R3CT500XT
ATC
C4, C6
10 pF Chip Capacitors
ATC800B100JT500XT
ATC
C5
4.7 pF Chip Capacitor
ATC800B4R7CT500XT
ATC
C7
5.1 pF Chip Capacitor
ATC800B5R1CT500XT
ATC
C8, C9 C10, C11, C12, C13,
C14, C15
2.2 pF Chip Capacitors
ATC800B2R2BT500XT
ATC
C16, C19
22 F, 25 V Tantalum Capacitors
TPSD226M025R0200
AVX
C17, C20
0.22 F Chip Capacitors
C1210C224K1RACTU
Kemet
C18, C21, C24, C30
36 pF Chip Capacitors
ATC100B360JT500XT
ATC
C22, C23, C28, C29
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
C25, C26, C31, C32
2.2 F Chip Capacitors
C3225X7R2A225K230AB
TDK
C27, C33
0.022 F Chip Capacitors
C1825C223K1GACTU
Kemet
C34
1.7 pF Chip Capacitor
ATC100B1R7BT500XT
ATC
Coax1, Coax2, Coax3, Coax4
35  Flex Cable 1.9”
HSF-141C-35
Hongsen Cable
L1, L2
6.6 H, 2 Turn Inductors
GA3093-ALC
Coilcraft
Q1
RF Power LDMOS Transistor
AFV121KHR5
Freescale
R1,R2
1000 ,1/2 W Chip Resistors
CRCW20101K00FKEF
Vishay
PCB
Arlon 450 0.030”, r =4.5
D68142
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com