Electronic Components Datasheet Search
  English  ▼

X  

LM27952 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27952
Description  White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27952 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM27952 Datasheet HTML 1Page - National Semiconductor (TI) LM27952 Datasheet HTML 2Page - National Semiconductor (TI) LM27952 Datasheet HTML 3Page - National Semiconductor (TI) LM27952 Datasheet HTML 4Page - National Semiconductor (TI) LM27952 Datasheet HTML 5Page - National Semiconductor (TI) LM27952 Datasheet HTML 6Page - National Semiconductor (TI) LM27952 Datasheet HTML 7Page - National Semiconductor (TI) LM27952 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 6.0V
EN, PWM
-0.3V to (V
IN + 0.3V)
w/ 6.0V max
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature
(T
J-MAX-ABS)
150˚C
Storage Temperature Range
-65˚C to 150˚C
Lead Temp. (Soldering, 5 sec.)
260˚C
ESD Rating (Note 4)
Human Body Model
2kV
Operating Ratings (Notes 2, 7)
Input Voltage V
IN
3.0V to 5.5V
LED Voltage Range
2.5V to 3.9V
Junction Temperature Range (T
J)
-40˚C to +115˚C
Ambient Temperature Range (T
A)
(Note 5)
-40˚C to +85 ˚C
Thermal Information
Junction-to-Ambient Thermal Resistance,
LLP-14 Package (
θ
JA)
(Note 6)
45˚C/W
Electrical Characteristics
(Notes 2, 7)
Limits in standard typeface are for T
A = 25˚C, and limits in boldface type apply over the full operating junction temperature
range (-40˚C to +85 ˚C). Unless otherwise noted, specifications apply to the LM27952 Typical Application Circuit (pg.1) with V
IN
= 3.6V, V(EN) = 1.8V, V(PWM) = 1.8V, 4 LEDs, V
DX = 0.45V, CIN =COUT = 3.3µF, C1 =C2 = 1µF, RSET = 12.5k
Ω (Note 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DX
LED Current Regulation
3.0V
≤ V
IN
≤ 5.5V
R
SET = 12.5k
Ω
I
VOUT = 0mA
19.32
(−8%)
21
22.68
(+8%)
mA
3.0V
≤ V
IN
≤ 5.5V
R
SET = 8.32k
Ω
I
VOUT = 0mA
31
3.0V
≤ V
IN
≤ 5.5V
R
SET = 24.9k
Ω
I
VOUT = 0mA
11
I
D-MATCH
LED Current Matching
(Note 9)
R
SET = 8.32k
Ω
0.2
1
%
I
Q
Quiescent Supply Current
D
(1-4) = OPEN
R
SET = OPEN
1.3
1.7
mA
I
SD
Shutdown Supply Current
3.0V
≤ V
IN
≤ 5.5V
V(EN) = 0V
0.1
1
µA
V
SET
I
SET Pin Voltage
3.0V
≤ V
IN
≤ 5.5V
1.25
V
I
DX /ISET
Output Current to Current
Set Ratio
200
V
HR
Current Sink Voltage
Headroom Requirement
(Note 10)
I
DX = 95% IDX (nom.)
R
SET = 8.32k
Ω
(I
DX nom. = 31mA)
360
mV
I
DX = 95% IDX (nom.)
R
SET = 12.5k
Ω
(I
DX nom. = 21mA)
240
f
SW
Switching Frequency
525
(-30%)
750
975
(+30%)
kHz
V
IH
Logic Input High
Input Pins: EN, PWM
3.0V
≤ V
IN
≤ 5.5V
1.0
V
IN
V
V
IL
Logic Input Low
Input Pins: EN, PWM
3.0V
≤ V
IN
≤ 5.5V
0
0.4
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com