Electronic Components Datasheet Search
  English  ▼

X  

LTC2231 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2231
Description  Electrical Specifications Subject to Change
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2231 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2231 Datasheet HTML 10Page - Linear Technology LTC2231 Datasheet HTML 11Page - Linear Technology LTC2231 Datasheet HTML 12Page - Linear Technology LTC2231 Datasheet HTML 13Page - Linear Technology LTC2231 Datasheet HTML 14Page - Linear Technology LTC2231 Datasheet HTML 15Page - Linear Technology LTC2231 Datasheet HTML 16Page - Linear Technology LTC2231 Datasheet HTML 17Page - Linear Technology LTC2231 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC2230/LTC2231
14
22301p
FUNCTIONAL BLOCK DIAGRA
PI FU CTIO S
SENSE (Pin 59): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. VDD selects the internal reference and a ±1V
input range. An external reference greater than 0.5V and
less than 1V applied to SENSE selects an input range of
±VSENSE. ±1V is the largest valid input range.
VCM (Pin 60): 1.6V Output and Input Common Mode Bias.
Bypass to ground with 2.2µF ceramic chip capacitor.
GND (Exposed Pad): ADC Power Ground. The exposed
pad on the bottom of the package needs to be soldered to
ground.
DIFF
REF
AMP
REF
BUF
2.2µF
1µF
0.1µF0.1µF
1µF
INTERNAL CLOCK SIGNALS
REFH
REFL
DIFFERENTIAL
INPUT
LOW JITTER
CLOCK
DRIVER
RANGE
SELECT
1.6V
REFERENCE
FIRST PIPELINED
ADC STAGE
(4 BITS)
FIFTH PIPELINED
ADC STAGE
(3 BITS)
FOURTH PIPELINED
ADC STAGE
(3 BITS)
SECOND PIPELINED
ADC STAGE
(3 BITS)
ENC+
REFHA
REFLB
REFLA REFHB
ENC–
SHIFT REGISTER
AND CORRECTION
OEL
M0DE
OGND
OF
OVDD
D9
D0
CLKOUT
22201 F01
INPUT
S/H
SENSE
VCM
AIN
–
AIN
+
2.2µF
THIRD PIPELINED
ADC STAGE
(3 BITS)
OUTPUT
DRIVERS
CONTROL
LOGIC
LVDS SHDN
•
•
•
+
–
+
–
+
–
+
–
Figure 1. Functional Block Diagram
tH
tD
tC
tL
N – 5
N – 4
N – 3
N – 2
N – 1
tAP
N + 1
N + 2
N + 4
N + 3
N
ANALOG
INPUT
ENC–
ENC+
CLOCKOUT –
CLOCKOUT+
D0-D9, OF
22201 TD01
LVDS Output Mode Timing
All Outputs Are Differential and Have LVDS Levels
TI I G DIAGRA S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com