Electronic Components Datasheet Search
  English  ▼

X  

CYW20719 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYW20719
Description  Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20719 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYW20719 Datasheet HTML 19Page - Cypress Semiconductor CYW20719 Datasheet HTML 20Page - Cypress Semiconductor CYW20719 Datasheet HTML 21Page - Cypress Semiconductor CYW20719 Datasheet HTML 22Page - Cypress Semiconductor CYW20719 Datasheet HTML 23Page - Cypress Semiconductor CYW20719 Datasheet HTML 24Page - Cypress Semiconductor CYW20719 Datasheet HTML 25Page - Cypress Semiconductor CYW20719 Datasheet HTML 26Page - Cypress Semiconductor CYW20719 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Document Number: 002-14815 Rev. *D
Page 23 of 49
PRELIMINARY
CYW20719
9. Pin/Ball Maps
9.1 40-Pin QFN Pin Map
The CYW20719 40-pin QFN package is shown in Figure 6.
Figure 6. 40-Pin QFN Pin Map
40
39
38
37
36
35
34
33
32
31
P10
LHL_VDDO
P17
P7
P6
P4
P2
P16
xtali_32K
xtalo_32K
1
P28
UART_
CTS_N
30
2
P29
UART_
RTS_N
29
3
P0
UART_TXD
28
4
P1
UART_RXD
27
5
P34
RSVD
26
6
P38
BT_VDDO
25
7
P26
HOST_
WAKE
24
8
P25
XTALO
23
9
P33
XTAL1
22
10
RST_N
PLLVDD1p2
21
JTAG_SEL
SR_VLX
SR_
VDDBAT3V
RFLDO_
VDDOOUT
RFLDO_
VDDIN
DIGLDO_
VDDIN
PAVDD
BT_RF
IFVDD1p2
VCOVDD1p2
11
12
13
14
15
16
17
18
19
20
CYW20719 5x5 QFN-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com