Electronic Components Datasheet Search
  English  ▼

X  

APA2192 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2192
Description  Shut Mode Audio Click-and-Pop Eliminator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2192 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2192 Datasheet HTML 1Page - Anpec Electronics Coropration APA2192 Datasheet HTML 2Page - Anpec Electronics Coropration APA2192 Datasheet HTML 3Page - Anpec Electronics Coropration APA2192 Datasheet HTML 4Page - Anpec Electronics Coropration APA2192 Datasheet HTML 5Page - Anpec Electronics Coropration APA2192 Datasheet HTML 6Page - Anpec Electronics Coropration APA2192 Datasheet HTML 7Page - Anpec Electronics Coropration APA2192 Datasheet HTML 8Page - Anpec Electronics Coropration APA2192 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2016
www.anpec.com.tw
2
APA2192
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Package Code
Operating Ambient Temperature Range
Handling Code
Assembly Material
G : Halogen and Lead Free Device
Temperature Range
Package Code
APA2192
Handling Code
Assembly Material
TR : Tape & Reel
HA : WLCSP1.42x0.92-6
APA2192 HA:
X - Date Code
I :- 40 to 85 C
92X
Absolute Maximum Ratings (Note 1)
S ymbol
Pa ra mete r
Ra ting
Unit
VDD
VDD to GND Vo ltag e
-0.3 ~ 6
V
V MUTE,SET
MUTE,SE T to G ND Voltage
-0.3 ~ 6
V
VINR,INL
INR,INL to G ND Volta ge
VDD-6V ~ VDD+0.3V
V
IINR,INL
Co ntinuo us O utp ut curre nt, INR & INL
3 50
mA
TJ
Ma xi mum Jun ction Temper atu re
1 50
o
C
TSTG
Sto rage Tempera tur e
-6 5 ~ 150
o
C
TSDR
Ma xi mum L ead So lderin g Tempe rature (10 S econds)
2 60
o
C
V ESD
Mi nimum ESD Rati ng (Human Bod y Mode )
(MM Mod e)
(CMD Mode)
±5
2 00
100 0
kV
V
V
Note 1: Stresses beyond those listed under
“absolute maximum ratings”may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
“recom-
mended operating conditions
” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
S ymbol
Pa ra mete r
Typic al Value
Unit
θJA
Junctio n-to-Amb ient The rmal Re sistance in fr ee air
(Note 2)
W LCS P1.42x0.92 -6
1 25
oC/W
θJC
Junctio n-to-Case Th ermal Resistan ce in free ai r
(No te 2 )
W LCS P1.42x0.92 -6
18
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com