Electronic Components Datasheet Search
  English  ▼

X  

APL3524 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APL3524
Description  USB Charging Port Power Switch and Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3524 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APL3524 Datasheet HTML 17Page - Anpec Electronics Coropration APL3524 Datasheet HTML 18Page - Anpec Electronics Coropration APL3524 Datasheet HTML 19Page - Anpec Electronics Coropration APL3524 Datasheet HTML 20Page - Anpec Electronics Coropration APL3524 Datasheet HTML 21Page - Anpec Electronics Coropration APL3524 Datasheet HTML 22Page - Anpec Electronics Coropration APL3524 Datasheet HTML 23Page - Anpec Electronics Coropration APL3524 Datasheet HTML 24Page - Anpec Electronics Coropration APL3524 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Oct., 2017
APL3524
www.anpec.com.tw
21
Function Description
Charging
Port #1
STATUS
APL3524 # 1
VBUS
D-
D+
GND
SLP_S3#
HDD
1. current draws> Port Power Management setting
2. Set the other charging port in SCP mode
High→Low
MODE1
MODE2
MODE3
ILIM_SEL
VIN
EN
OCB
ILIM_HI
ILIM_LO
OUT
DM_IN
DP_IN
29.8k
48.7k
GND
5V (2.5A max.)
Enable1
OC#1
10k
10k
100k
Charging
Port #2
STATUS
APL3524 # 2
VBUS
D-
D+
GND
MODE1
MODE2
MODE3
ILIM_SEL
VIN
EN
OCB
ILIM_HI
ILIM_LO
OUT
DM_IN
DP_IN
29.8k
48.7k
GND
Enable2
OC#2
10k
10k
100k
Motherboard
Figure 5. Implement of Port Power Management
The APL3524 provides an open-drain output to indicate that a fault has occurred.
When any of current-limit or over-temperature protection occurs for a deglitch time of t
D(OCB), the OCB goes low. The
OCB keeps in low until the fault has been removed. Since the OCB pin is an open-drain output, connecting a resistor
to a pull high voltage is necessary.
OCB Output
The APL3524 provides an EN input pin for enable/disable control. Pulling the EN pin logic low disables the device.
When IC is disabled, the power switch and data switches are all in OFF state, the OUT in discharge and the VIN supply
current is educed to less than 2
µA. The enable input is compatible with both TTL and CMOS logic levels. The EN pin
cannot be left floating.
Enable/Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com