Electronic Components Datasheet Search
  English  ▼

X  

D882SS Datasheet(PDF) 1 Page - Unisonic Technologies

Part # D882SS
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

D882SS Datasheet(HTML) 1 Page - Unisonic Technologies

  D882SS Datasheet HTML 1Page - Unisonic Technologies D882SS Datasheet HTML 2Page - Unisonic Technologies D882SS Datasheet HTML 3Page - Unisonic Technologies D882SS Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC D882SS
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R206-018,A
MEDIUM POWER LOW VOLTAGE
TRANSISTOR
FEATURES
*High current output up to 3A
*Low saturation voltage
*Complement to B772SS
APPLICATIONS
* Audio power amplifier
* DC-DC convertor
* Voltage regulator
MARKING
SOT-23
1
2
3
1: EMITTER 2: BASE 3: COLLECTOR
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETERS
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
5
V
Collector dissipation( Tc=25
°C)
Pc
10
W
Collector dissipation( Ta=25
°C)
Pc
1
W
Collector current(DC)
Ic
3
A
Collector current(PULSE)
Ic
7
A
Base current
IB
0.6
A
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector cut-off current
ICBO
VCB=30V,IE=0
1000
nA
Emitter cut-off current
IEBO
VEB=3V,Ic=0
1000
nA
DC current gain(note 1)
hFE1
hFE2
VCE=2V,Ic=20mA
VCE=2V,Ic=1A
30
100
200
150
400
Collector-emitter saturation voltage
VCE(sat)
Ic=2A,IB=0.2A
0.3
0.5
V
Base-emitter saturation voltage
VBE(sat)
Ic=2A,IB=0.2A
1.0
2.0
V
Current gain bandwidth product
fT
VCE=5V,Ic=0.1A
80
MHz
Output capacitance
Cob
VCB=10V,IE=0,f=1MHz
45
pF
D82


Similar Part No. - D882SS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
D882SS-X-AE3-R UTC-D882SS-X-AE3-R Datasheet
159Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
D882SSG-X-AE3-R UTC-D882SSG-X-AE3-R Datasheet
159Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
D882SSL-X-AE3-R UTC-D882SSL-X-AE3-R Datasheet
159Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
D882SS UTC-D882SS_09 Datasheet
159Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - D882SS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com