Electronic Components Datasheet Search
  English  ▼

X  

APL5155E Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5155E
Description  High Input Voltage, Low Quiescent Current, 150mA LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5155E Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5155E Datasheet HTML 1Page - Anpec Electronics Coropration APL5155E Datasheet HTML 2Page - Anpec Electronics Coropration APL5155E Datasheet HTML 3Page - Anpec Electronics Coropration APL5155E Datasheet HTML 4Page - Anpec Electronics Coropration APL5155E Datasheet HTML 5Page - Anpec Electronics Coropration APL5155E Datasheet HTML 6Page - Anpec Electronics Coropration APL5155E Datasheet HTML 7Page - Anpec Electronics Coropration APL5155E Datasheet HTML 8Page - Anpec Electronics Coropration APL5155E Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2016
APL5155E
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Unless otherwise noted, these specifications apply over V
IN=VOUT+3V, CIN=1µF, COUT=2.2µF, TA=-40 to 85
oC.
APL5 155E
Sym bol
Param eter
Test Conditions
Min.
Typ.
Max.
Unit
P ROTECTIONS (CO NT.)
VIN=6V to 25 V, V OUT<VIN -3V
2 00
-
4 00
mA
ILIMIT
Curr ent-Limit
VIN=4.5 V to 6V, VOUT<V IN -1V
60
-
2 50
mA
ISHORT
S hort-Circuit Cu rrent
VOUT=0V, on ly for Fi x mode
-
50
-
mA
S OFT-START AND S HUTDOWN
TSS
S oft-Start Interval
Fr om V EN rising to V OUT=90%
-
1
-
ms
E N Input Log ic HIG H
IC is e nable d
2.5
-
-
V
E N Input Log ic LOW
IC is shu t down
0
-
0.6
V
E N Input Log ic Hysteresis
VOUT+3V <VIN<25V
-
0.2
-
V
IEN
E N Pi n Inp ut Bia s Curre nt
VEN=25V
-
0.1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com