Electronic Components Datasheet Search
  English  ▼

X  

APL5337 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5337
Description  Source and Sink, 2A, Fast Transient Response Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5337 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5337 Datasheet HTML 1Page - Anpec Electronics Coropration APL5337 Datasheet HTML 2Page - Anpec Electronics Coropration APL5337 Datasheet HTML 3Page - Anpec Electronics Coropration APL5337 Datasheet HTML 4Page - Anpec Electronics Coropration APL5337 Datasheet HTML 5Page - Anpec Electronics Coropration APL5337 Datasheet HTML 6Page - Anpec Electronics Coropration APL5337 Datasheet HTML 7Page - Anpec Electronics Coropration APL5337 Datasheet HTML 8Page - Anpec Electronics Coropration APL5337 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2017
APL5337
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
S ymbol
P arame ter
Rating
Unit
VCNTL
VCNTL Sup ply Vol tag e (V CNTL to G ND)
-0 .3 ~ 7
V
V IN
VIN Sup ply Vo ltag e ( VIN to G ND)
-0 .3 ~ 5
V
V REF
VREF Inp ut Voltage (V RE F to GND)
-0 .3 ~ 7
V
VOUT
VOUT O utput Voltage (V OUT to G ND)
-0 .3 ~ V IN+0.3V
V
PD(MAX)
Ma ximum Po we r Dissipation , TA=25
o
C
SOP -8
S OP- 8P
1.5
2.2
W
T
J
Ju nction Tempe rature
150
oC
TSTG
Stora ge Te mperature Ran ge
- 65 ~ 150
oC
T
SDR
Ma ximum Le ad Sold ering Temper atu re, 1 0 S econds
260
oC
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Thermal Resistance in Free Air
(Note 2)
SOP-8
SOP-8P
80
55
°C/W
θ
JC
Junction-to-Case Thermal Resistance in Free Air
(Note 3)
SOP-8P
7
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3: The exposed pad of SOP-8P is soldered directly on the PCB. The case temperature is measured at the center of the exposed
pad on the underside of the SOP-8P package.
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant)and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
APL5337
Package Code
K : SOP-8
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APL5337 K:
APL5337
XXXXX
XXXXX - Date Code
Assembly Material
APL5337 KA:
XXXXX - Date Code
APL5337
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com