Electronic Components Datasheet Search
  English  ▼

X  

APL5338A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5338A
Description  2A Bus Termination Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5338A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5338A Datasheet HTML 1Page - Anpec Electronics Coropration APL5338A Datasheet HTML 2Page - Anpec Electronics Coropration APL5338A Datasheet HTML 3Page - Anpec Electronics Coropration APL5338A Datasheet HTML 4Page - Anpec Electronics Coropration APL5338A Datasheet HTML 5Page - Anpec Electronics Coropration APL5338A Datasheet HTML 6Page - Anpec Electronics Coropration APL5338A Datasheet HTML 7Page - Anpec Electronics Coropration APL5338A Datasheet HTML 8Page - Anpec Electronics Coropration APL5338A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2017
APL5338A
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
AP L5 338 A
S ymbol
P arame ter
Te st Conditions
Min.
Typ.
M ax.
Unit
VTT O UTP UT (Cont .)
VTT O utp ut Accu racy to
VTTREF
V IN=V REF=1.35V /1.5V /1 .8V ,
o ve r temp erature an d load curren t ran ge
-1 0
-
10
mV
V CNTL=5V
Sou rci ng Current
2.8
3 .0
3 .5
ILIM
VTT Curr ent L imit
V CNTL=5V
Sinking Cur rent
-2.8
-3.0
-3.5
A
VTT Le akage Curre nt
V TT=0.9V, V S3=0V , VS5=5V , TJ =25
oC
-
2 .5
4 .0
VTTSNS Leakag e Cu rrent
V TT=0.9V, TJ =25
o C
-1.0
-
1 .0
µA
VTT Discharge Curr ent
V TT=0.5V, VS3=V S5=0 V, TJ =25
oC, V
REF=0V
15
25
35
mA
VTTREF O UTP UT
V IN=V REF=1.8V
-
0 .9
-
V IN=V REF=1.5V
-
0.75
-
V IN=V REF=1.35V
-
0.675
-
V
TTR EF
VTTREF O utp ut V olta ge
V IN=V REF=1.2V
-
0 .6
-
V
VTTREF O utp ut V olta ge
Tolera nce to 0.5VRE F
V IN=V REF, IVTTREF<10mA
-1 0
-
+10
mV
IVTTREF
VTTREF S ource Curren t Limit
V TTREF=0 V
10
20
30
IVTTREFDIS
VTTREF Discharge Curr ent
V TTREF=0 .5 V, VS3=VS5=0V , TJ =25
oC
0.3
0 .5
0 .8
mA
LOG IC THRES HOLD
V IH
High Thresho ld V oltage
V S3, V S5 Risin g
1.6
-
-
VIL
Low Th reshold V oltage
V S3, V S5 Fa lling
-
-
0 .4
S3, S5 Hysteresis
-
0 .2
-
V
Leaka ge Current
S 3, S 5, TJ =25
oC
-
-
4
µA
THERMAL SHUTDO WN
TSD
Thermal Sh utdown Te mperature
TJ Rising
-
15 0
-
Thermal Sh utdown Hysteresis
-
30
-
oC
Unless otherwise specified, these specifications apply over V
CNTL=5V, VIN=VREF=1.8V, CIN=10µF, COUT=10µF and TA= -40 ~ 85
oC.
Typical values are at T
A=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com