Electronic Components Datasheet Search
  English  ▼

X  

DGS20-018AS Datasheet(PDF) 1 Page - IXYS Corporation

Part # DGS20-018AS
Description  Gallium Arsenide Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS20-018AS Datasheet(HTML) 1 Page - IXYS Corporation

  DGS20-018AS Datasheet HTML 1Page - IXYS Corporation DGS20-018AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
1 - 2
DGS 20-018AS
V
RSM
V
RRM
Type
V
V
180
180
DGS 20-018AS
Preliminary Data
A = Anode, C = Cathode , TAB = Cathode
A
TO-263 AB
A
C (TAB)
AC
Symbol
Conditions
Maximum Ratings
I
FAV
T
C = 25°C; DC
23
A
I
FAV
T
C = 90°C; DC
17
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
30
A
T
VJ
-55...+175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C48
W
Features
q
Low forward voltage
q
Very high switching speed
q
Low junction capacity of GaAs
- low reverse current peak at turn off
q
Soft turn off
q
Temperature independent switching
behaviour
q
High temperature operation capability
q
Epoxy meets UL 94V-0
Applications
q
MHz Switched mode power supplies
(SMPs)
q
Small size SMPs
q
High frequency converters
q
Resonant converters
Pulse test:
Pulse Width = 5 ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, Conditions and dimensions.
Gallium Arsenide Schottky Rectifier
I
FAV
= 23 A
V
RRM
= 180 V
C
Junction = 33 pF
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ =
25°C V
R = VRRM
2.0
mA
T
VJ = 125°C
V
R = VRRM
2.0
mA
V
F
I
F = 7.5 A;
T
VJ = 125°C
0.8
V
I
F = 7.5 A;
T
VJ =
25°C
0.8
1.0
V
C
J
V
R = 100 V;
T
VJ = 125°C
33
pF
R
thJC
3.1
K/W
Weight
2g


Similar Part No. - DGS20-018AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS20-018AS IXYS-DGS20-018AS Datasheet
26Kb / 1P
Gallium Arsenide Schottky Rectifier
More results

Similar Description - DGS20-018AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS17-03CS IXYS-DGS17-03CS Datasheet
55Kb / 2P
Gallium Arsenide Schottky Rectifier
L680 IXYS-L680 Datasheet
60Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS3-01AS IXYS-DGS3-01AS Datasheet
37Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS9-03AS IXYS-DGS9-03AS Datasheet
56Kb / 2P
Gallium Arsenide Schottky Rectifier
DGSS10-06CC IXYS-DGSS10-06CC Datasheet
60Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS20-022A IXYS-DGS20-022A Datasheet
71Kb / 2P
Gallium Arsenide Schottky Rectifier
GS8DI25104 IXYS-GS8DI25104 Datasheet
52Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25104 IXYS-GS150TA25104 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25110 IXYS-GS150TA25110 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com