Electronic Components Datasheet Search
  English  ▼

X  

M20-7911042R Datasheet(PDF) 1 Page - Harwin Plc

Part # M20-7911042R
Description  2.54mm SOCKET SIL HORIZONTAL SMT TAPE & REEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M20-7911042R Datasheet(HTML) 1 Page - Harwin Plc

  M20-7911042R Datasheet HTML 1Page - Harwin Plc M20-7911042R Datasheet HTML 2Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - M20-7911042R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M20-7920242R HARWIN-M20-7920242R Datasheet
125Kb / 2P
2.54mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
M20-7920642R HARWIN-M20-7920642R Datasheet
125Kb / 2P
2.54mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
M20-7920842R HARWIN-M20-7920842R Datasheet
125Kb / 2P
2.54mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
M20-7921042R HARWIN-M20-7921042R Datasheet
125Kb / 2P
2.54mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
More results

Similar Description - M20-7911042R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SMH-120-02-L-S SAMTEC-SMH-120-02-L-S Datasheet
554Kb / 1P
SMT HORIZONTAL SOCKET
SMH-107-02-S-D SAMTEC-SMH-107-02-S-D Datasheet
554Kb / 1P
SMT HORIZONTAL SOCKET
logo
Harwin Plc
M20-7892046 HARWIN-M20-7892046 Datasheet
57Kb / 1P
2.54mm PITCH SIL PC TAIL HORIZONTAL SOCKET ASSEMBLY
S9091-46R HARWIN-S9091-46R Datasheet
102Kb / 1P
SMT SOCKET CONTACT IN TAPE AND REEL
M20-7890242 HARWIN-M20-7890242 Datasheet
60Kb / 1P
2.54mm PITCH SIL PC TAIL HORIZONTAL SOCKET ASSEMBLY
M20-7920242R HARWIN-M20-7920242R Datasheet
125Kb / 2P
2.54mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
M20-8890245R HARWIN-M20-8890245R Datasheet
110Kb / 2P
2.54mm HORIZONTAL PIN HEADER SIL SMT TAPE & REEL
M20-8900305 HARWIN-M20-8900305 Datasheet
55Kb / 1P
2.54mm PITCH SIL HORIZONTAL SMT PIN HEADER ASSEMBLY
M22-6540242R HARWIN-M22-6540242R Datasheet
186Kb / 2P
2.00mm PITCH SIL HORIZONTAL SOCKET, SMT TAPE & REEL
M22-6550242R HARWIN-M22-6550242R Datasheet
191Kb / 2P
2.00mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com