Electronic Components Datasheet Search
  English  ▼

X  

DS2715Z Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2715Z
Description  NiMH Battery Pack Charge Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2715Z Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2715Z Datasheet HTML 1Page - Dallas Semiconductor DS2715Z Datasheet HTML 2Page - Dallas Semiconductor DS2715Z Datasheet HTML 3Page - Dallas Semiconductor DS2715Z Datasheet HTML 4Page - Dallas Semiconductor DS2715Z Datasheet HTML 5Page - Dallas Semiconductor DS2715Z Datasheet HTML 6Page - Dallas Semiconductor DS2715Z Datasheet HTML 7Page - Dallas Semiconductor DS2715Z Datasheet HTML 8Page - Dallas Semiconductor DS2715Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS2715: NiMH Cell Pack Charge Controller
2 of 12
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD and VCH Pins with Respect to VSS
-0.3V to +18V
Voltage on LED1 and LED2 Pins
-0.3V to +18V
Voltage on SNS-
-0.3V to +0.3V
Voltage on CBIAS
-0.3V to 6V
Voltage on all Other Pins
-0.3V to VCbias
Continuous Sink Current VCH, LED1, and LED2
28mA
Operating Temperature Range
-20°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDECJ-STD-020
*This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(4.5V
£ VDD £ 16.5V; TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
4.5
16.5
V
LED1, LED2 Voltage
VLED
(Note 1)
0.0
16.5
V
Mode Voltage
VMODE
(Note 1)
0.0
VCbias
V
VCH Voltage
VVCH
(Note 1)
0.0
16.5
V
CBIAS Capacitor Range
CCbias
.02
.15
µF
RT Resistor Range
RRt
20
240
KΩ
DC ELECTRICAL CHARACTERISTICS
(4.5V
£ VDD £ 16.5V, TA = 0°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Linear Mode, VDD = 16.5V
1.3
1.6
mA
Operating Current
(Note 2)
IDDA
Comparator Mode,
VDD = 16.5V
150
250
µA
Idle Current
IDDS
VDD < VUVLO
10
µA
Discharge Current
IDDD
Discharge latch set (Note 2)
200
µA
UVLO Threshold
VUVLO
VDD Rising (Note 3)
3.8
3.9
4.0
V
UVLO Hysteresis
VUVLO-HYS
VDD Falling
35
mV
VCH Sink Current
IOL-Vch
VOL = 1.5V
20
mA
LED1, LED2 Sink Current
IOL-LED
VOL = 1.0V
20
mA
Leakage Current, VCH,
LED1, LED2
ILKG
Pin inactive or Device Idle
-1
+1
µA
THM Pin Leakage
Current
ILKG-THM
-1
+1
µA
VBATT Pin Leakage
Current
ILKG-Vbatt
-50
+50
nA
CBIAS Voltage
VCbias
0 < ICbias < 0.4ma
3.9
4.0
4.3
V
DIV Pin Load Current
IDiv
500
uA
Current Sense Amplifier
Gain
GERR
100µA < I Vch < 20mA
5
6.25
7.5
Ω
-1
Current Sense
Comparator Gain
GCOMP
(Note 7)
10
Ω
-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com