Electronic Components Datasheet Search
  English  ▼

X  

G3B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3B
Description  International Standards for G3B Series, Same Profile as MK Power Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3B Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3B Datasheet HTML 1Page - Omron Electronics LLC G3B Datasheet HTML 2Page - Omron Electronics LLC G3B Datasheet HTML 3Page - Omron Electronics LLC G3B Datasheet HTML 4Page - Omron Electronics LLC G3B Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
G3B/G3BD
2
■ Accessories (Order Separately)
Connecting Sockets/Hold-Down Clips
Specifications
■ Ratings (at an Ambient Temperature of 25C)
Input
Note: 1. The input impedance is given for the maximum operating voltage. For details, refer to the Technical Guide for Solid State Relays.
2. Constant-current input circuit.
Output
Note: The load current depends on the ambient temperature. Refer to Load Current vs. Ambient Temperature under Engineering Data for details.
■ Characteristics
Front-mounting Sockets
Back-mounting Sockets
Socket
PF083A(-E)
PL08
PLE08-0
PL08-Q
Hold-down Clip
PFC-A1
PLC
PLC-10
PLC
Model
Rated voltage
Operating voltage
Input current
Voltage levels
Must operate voltage Must release voltage
G3B-205S-VD
5 to 24 VDC
4 to 30 VDC
15 mA max. (See note.) 4 VDC max.
1 VDC min.
G3BD-103S-VD
1.5 k
+20%/10%
Model
Applicable load
Rated load voltage
Load voltage range
Load current (See note.)
Inrush current
G3B-205S-VD
100 to 240 VAC
75 to 264 VAC
0.1 to 5 A at 40
C
80 A, 60 Hz for 1 cycle
G3BD-103S-VD
5 to 110 VDC
3 to 125 VDC
0.1 to 3 A at 40
C
12 A (10 ms)
Model
G3B-205S-VD
G3BD-103S-VD
Operate time
1/2 cycle of load power source + 1 ms max.
0.5 ms max.
Release time
1/2 cycle of load power source + 1 ms max.
2.5 ms max.
Output ON voltage drop
1.6 V (RMS) max.
1.5 V max.
Leakage current
5 mA max. (at 100 VAC); 10 mA max. (at 200 VAC)
5 mA max. (at 125 VDC)
Insulation resistance
100 M
 min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min
1,500 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75-mm single amplitude
Shock resistance
1,000 m/s2
Ambient temperature
Operating: –30
C to 80C (with no icing or condensation)
Storage:
–30
C to 100C (with no icing or condensation)
Ambient humidity
45% to 85%
Certified standards
G3B: UL508, CSA C22.2 No. 14, EN60947-4-3
G3BD: UL508, CSA C22.2 No. 14, EN60950-1
EMC
Emission: EN55011 Group 1 Class B
Immunity: EN61000-6-2
Weight
Approx. 70 g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com