Electronic Components Datasheet Search
  English  ▼

X  

CFFS Datasheet(PDF) 1 Page - All Sensors Corporation

Part # CFFS
Description  For suggested pad layout, see drawing: PAD-01
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CFFS Datasheet(HTML) 1 Page - All Sensors Corporation

  CFFS Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.400
10.16
0.351
8.93
0.031
0.79
0.200
5.08
0.020 (typ)
0.51
0.100 (typ)
2.54
Pin 1 2 3 4
Part Marking
0.010
0.25
0.025
0.64
0.124
3.15
0.273
6.93
E. DEJARNETTE 07/09/09
NOTES
1) Dimensions are in inches [mm].
2) For suggested pad layout, see drawing: PAD-01
CFFS Package Dwg
DO NOT SCALE DRAWING
CFFS Rev B
SHEET 1 OF 1
UNLESS OTHERWISE SPECIFIED:
SCALE: 2:1
REV
FILE NAME
A
SIZE
TITLE:
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
TWO PLACE DECIMAL
THREE PLACE DECIMAL
5
4
3
2
1
All Sensors
NAME
DATE
Q.A.
MFG APPR.
ENG APPR.
CHECKED
DRAWN
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.


Similar Part No. - CFFS

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CFF SEI-CFF Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
logo
Eldeco Srl
CFF-5.08 ELDECO-CFF-5.08 Datasheet
315Kb / 1P
Standard : UL - IEC 250V - 320V 12A -20A
CFF-5.08-F ELDECO-CFF-5.08-F Datasheet
321Kb / 1P
Standard : UL - IEC 250V - 320V 12A - 20A
logo
LEMO Connectors
CFF.0A.275.PTCG LEMO-CFF.0A.275.PTCG Datasheet
64Kb / 2P
Snap-on
CFF.0A.275.PTCHA LEMO-CFF.0A.275.PTCHA Datasheet
67Kb / 2P
Snap-on
More results

Similar Description - CFFS

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
CPFR ASC-CPFR Datasheet
290Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGBD ASC-EGBD Datasheet
42Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNJ ASC-EGNJ Datasheet
44Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1BR ASC-P1BR Datasheet
226Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2BS ASC-P2BS Datasheet
220Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com