Electronic Components Datasheet Search
  English  ▼

X  

BGA3018 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BGA3018
Description  1 GHz 18 dB gain wideband amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3018 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BGA3018 Datasheet HTML 7Page - NXP Semiconductors BGA3018 Datasheet HTML 8Page - NXP Semiconductors BGA3018 Datasheet HTML 9Page - NXP Semiconductors BGA3018 Datasheet HTML 10Page - NXP Semiconductors BGA3018 Datasheet HTML 11Page - NXP Semiconductors BGA3018 Datasheet HTML 12Page - NXP Semiconductors BGA3018 Datasheet HTML 13Page - NXP Semiconductors BGA3018 Datasheet HTML 14Page - NXP Semiconductors BGA3018 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
BGA3018
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2013
12 of 15
NXP Semiconductors
BGA3018
1 GHz 18 dB gain wideband amplifier MMIC
10. Abbreviations
11. Revision history
Table 13.
Abbreviations
Acronym
Description
CATV
Community Antenna TeleVision
FTTH
Fiber To The Home
FTTx
Fiber To The “x”
LNA
Low-Noise Amplifier
MMIC
Monolithic Microwave Integrated Circuit
Table 14.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BGA3018 v.3
20130926
Product data sheet
-
BGA3018 v.2
Modifications:
• Table 3 on page 2: Evaluation boards have been added.
BGA3018 v.2
20130415
Product data sheet
-
BGA3018 v.1
BGA3018 v.1
20130319
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com