Electronic Components Datasheet Search
  English  ▼

X  

BGS8L2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGS8L2
Description  SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGS8L2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGS8L2 Datasheet HTML 5Page - NXP Semiconductors BGS8L2 Datasheet HTML 6Page - NXP Semiconductors BGS8L2 Datasheet HTML 7Page - NXP Semiconductors BGS8L2 Datasheet HTML 8Page - NXP Semiconductors BGS8L2 Datasheet HTML 9Page - NXP Semiconductors BGS8L2 Datasheet HTML 10Page - NXP Semiconductors BGS8L2 Datasheet HTML 11Page - NXP Semiconductors BGS8L2 Datasheet HTML 12Page - NXP Semiconductors BGS8L2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NXP Semiconductors
BGS8L2
SiGe:C Low-noise amplifier MMIC with bypass switch for LTE
BGS8L2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 6 — 29 June 2018
COMPANY PUBLIC
9 / 18
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Bypass mode
ICC
supply current
VI(CTRL) < 0.3 V
-
-
1
μA
f = 470 MHz, L1 = 18 nH
[1] -3.0
-1.5
0.0
dB
f = 650 MHz, L1 = 18 nH
[1] -4.0
-2.5
-1.0
dB
f = 740 MHz, L1 = 18 nH
[1] [2] -4.5
-3.0
-1.5
dB
f = 740 MHz, L1 = 8.2 nH
[1] [2] -3.1
-1.6
-0.1
dB
f = 882 MHz, L1 = 8.2 nH
[3] -3.5
-2.0
-0.5
dB
Gp
power gain
f = 943 MHz, L1 = 8.2 nH
[1] [4] -3.5
-2.0
-0.5
dB
f = 470 MHz, L1 = 18 nH
-
13.0
-
dB
f = 650 MHz, L1 = 18 nH
-
7.5
-
dB
f = 740 MHz, L1 = 18 nH
[2] -
6.0
-
dB
f = 740 MHz, L1 = 8.2 nH
[2] -
14.5
-
dB
f = 882 MHz, L1 = 8.2 nH
[3] -
11.5
-
dB
RLin
input return loss
f = 943 MHz, L1 = 8.2 nH
[4] -
10.5
-
dB
f = 470 MHz, L1 = 18 nH
-
12.0
-
dB
f = 650 MHz, L1 = 18 nH
-
8.0
-
dB
f = 740 MHz, L1 = 18 nH
[2] -
6.5
-
dB
f = 740 MHz, L1 = 8.2 nH
[2] -
12.5
-
dB
f = 882 MHz, L1 = 8.2 nH
[3] -
11.0
-
dB
RLout
output return loss
f = 943 MHz, L1 = 8.2 nH
[4] -
10.5
-
dB
between gain mode and bypass mode
f = 470 MHz, L1 = 18 nH
-
-
-
deg
f = 650 MHz, L1 = 18 nH
-
-
-
deg
f = 740 MHz, L1 = 18 nH
-
-
-
deg
f = 740 MHz, L1 = 8.2 nH
deg
f = 882 MHz, L1 = 8.2 nH
[1] -5.0
-
+5.0
deg
Δφ
phase variation
f = 943 MHz, L1 = 8.2 nH
-
-
-
deg
[1]
Guaranteed by device design; not tested in production.
[2]
E-UTRA operating band 17 (734 MHz to 746 MHz).
[3]
E-UTRA operating band 5 (869 MHz to 894 MHz).
[4]
E-UTRA operating band 8 (925 MHz to 960 MHz).
[5]
RLin value can be increased by using a higher value for the series input matching inductor L1.
[6]
PCB losses are subtracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com