Electronic Components Datasheet Search
  English  ▼

X  

CPNT Datasheet(PDF) 1 Page - All Sensors Corporation

Part # CPNT
Description  Dimensions are in inches [mm]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CPNT Datasheet(HTML) 1 Page - All Sensors Corporation

  CPNT Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.025
0.64
0.010
0.25
0.124
3.15
0.158
4.03
3°
Port B
0.400
10.16
0.200
5.08
0.060
1.52
0.351
8.93
0.100
2.54
0.020
0.51
Pin 1 2 3 4
Pin 8 7 6 5
Part Marking
0.200
5.08
0.044
1.12
Absolute devices
are without port hole.
E. DEJARNETTE 07/09/09
NOTE
1) Dimensions are in inches [mm].
2) For suggested pad layout, see drawing: PAD-04
CPNT Package Dwg
DO NOT SCALE DRAWING
CPNT Rev B
SHEET 1 OF 1
UNLESS OTHERWISE SPECIFIED:
SCALE: 2:1
REV
FILE NAME
A
SIZE
TITLE:
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
TWO PLACE DECIMAL
THREE PLACE DECIMAL
5
4
3
2
1
All Sensors
NAME
DATE
Q.A.
MFG APPR.
ENG APPR.
CHECKED
DRAWN
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.
Pin 1
Identier
(Yellow Paint Dot)


Similar Part No. - CPNT

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
CPND ASC-CPND Datasheet
402Kb / 1P
Dimensions are in inches [mm]
CPNQ ASC-CPNQ Datasheet
255Kb / 1P
Dimensions are in inches [mm]
CPNR ASC-CPNR Datasheet
291Kb / 1P
Dimensions are in inches [mm]
CPNS ASC-CPNS Datasheet
292Kb / 1P
Dimensions are in inches [mm]
logo
Alpha Wire
CPNSNPTV2 ALPHAWIRE-CPNSNPTV2 Datasheet
113Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
02/27/2018
More results

Similar Description - CPNT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28L0138-80R-10 ETC2-28L0138-80R-10 Datasheet
169Kb / 1P
DIMENSIONS ARE IN mm (INCHES)
logo
All Sensors Corporation
CPFT ASC-CPFT Datasheet
420Kb / 1P
Dimensions are in inches [mm]
CPND ASC-CPND Datasheet
402Kb / 1P
Dimensions are in inches [mm]
CPNR ASC-CPNR Datasheet
291Kb / 1P
Dimensions are in inches [mm]
CPNS ASC-CPNS Datasheet
292Kb / 1P
Dimensions are in inches [mm]
CPPD ASC-CPPD Datasheet
376Kb / 1P
Dimensions are in inches [mm]
CPPS ASC-CPPS Datasheet
211Kb / 1P
Dimensions are in inches [mm]
CPPT ASC-CPPT Datasheet
387Kb / 1P
Dimensions are in inches [mm]
E1ND ASC-E1ND Datasheet
43Kb / 1P
Dimensions are in inches [mm]
E2ND ASC-E2ND Datasheet
37Kb / 1P
Dimensions are in inches [mm]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com