Electronic Components Datasheet Search
  English  ▼

X  

E2BD Datasheet(PDF) 1 Page - All Sensors Corporation

Part # E2BD
Description  Dimensions are in inches [mm]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

E2BD Datasheet(HTML) 1 Page - All Sensors Corporation

  E2BD Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
2
1
NAME
DATE
Q.A.
MFG APPR.
ENG APPR.
CHECKED
DRAWN
THREE PLACE DECIMAL
E2BD Package Rev A
4
A
5
FILE NAME
REV
TITLE:
SCALE: 2:1
SIZE
UNLESS OTHERWISE SPECIFIED:
E-Series Package
TWO PLACE DECIMAL
DO NOT SCALE DRAWING
SHEET 1 OF 1
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.
All Sensors
07/27/09
E. DEJARNETTE
NOTES
1) Dimensions are in inches [mm]
2) For suggested pad layout, see drawing: PAD-03
Port B
Pin 1 2 3 4
Port A
Pin 8 7 6 5
0.083
0.100
0.045
2.11
0.425
1.14
0.500
12.70
2.54
10.80
8.89
0.64
(min)
0.360
0.350
9.15
0.025
0.084
2.12
0.225
5.72


Similar Part No. - E2BD

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
E2B YEASHIN-E2B Datasheet
138Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
DIYI Electronic Technol...
E2B DYELEC-E2B Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
E2BB CHENDA-E2BB Datasheet
601Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Yangzhou yangjie electr...
E2BF YANGJIE-E2BF Datasheet
167Kb / 2P
Super Fast Recovery Rectifier Diode
logo
RFE international
E2BF RFE-E2BF Datasheet
3Mb / 4P
Surface Mount Super Fast Recovery Rectifier E2AF Through E2KF
10-14-2022
More results

Similar Description - E2BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28L0138-80R-10 ETC2-28L0138-80R-10 Datasheet
169Kb / 1P
DIMENSIONS ARE IN mm (INCHES)
logo
All Sensors Corporation
CPFT ASC-CPFT Datasheet
420Kb / 1P
Dimensions are in inches [mm]
CPND ASC-CPND Datasheet
402Kb / 1P
Dimensions are in inches [mm]
CPNR ASC-CPNR Datasheet
291Kb / 1P
Dimensions are in inches [mm]
CPNS ASC-CPNS Datasheet
292Kb / 1P
Dimensions are in inches [mm]
CPPD ASC-CPPD Datasheet
376Kb / 1P
Dimensions are in inches [mm]
CPPS ASC-CPPS Datasheet
211Kb / 1P
Dimensions are in inches [mm]
CPPT ASC-CPPT Datasheet
387Kb / 1P
Dimensions are in inches [mm]
E1ND ASC-E1ND Datasheet
43Kb / 1P
Dimensions are in inches [mm]
E2ND ASC-E2ND Datasheet
37Kb / 1P
Dimensions are in inches [mm]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com