Electronic Components Datasheet Search
  English  ▼

X  

E2NS Datasheet(PDF) 1 Page - All Sensors Corporation

Part # E2NS
Description  Dimensions are in inches [mm]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

E2NS Datasheet(HTML) 1 Page - All Sensors Corporation

  E2NS Datasheet HTML 1Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.12
7.17
0.282
0.64
0.025
0.25
0.010
0.084
07/27/09
E. DEJARNETTE
NOTES
1)Dimensions are in inches [mm]
2)For suggested pad layout, see drawing: PAD-01
Pin 1 2 3 4
All Sensors
MFG APPR.
ENG APPR.
CHECKED
DRAWN
THREE PLACE DECIMAL
E2NS Package Rev A
E-Series Package
UNLESS OTHERWISE SPECIFIED:
DO NOT SCALE DRAWING
SHEET 1 OF 1
TWO PLACE DECIMAL
SCALE: 2:1
Q.A.
3
DATE
4
NAME
5
1
2
TITLE:
REV
FILE NAME
A
SIZE
DIMENSIONS ARE IN INCHES
TOLERANCES:
FRACTIONAL
ANGULAR: MACH
BEND
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF ALL
SENSORS CORPORATION. ANY REPRODUCTION IN PART OR AS A WHOLE WITHOUT
THE WRITTEN PERMISSION OF ALL SENSORS CORPORATION IS PROHIBITED.
0.082
2.10
0.425
10.79
0.500
12.70
0.020
0.51
0.100
2.54
Port B
Port A


Similar Part No. - E2NS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
E2N60 WXDH-E2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
E2N60 WXDH-E2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
E2N60 WXDH-E2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
E2N60 WXDH-E2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
E2N60 WXDH-E2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - E2NS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28L0138-80R-10 ETC2-28L0138-80R-10 Datasheet
169Kb / 1P
DIMENSIONS ARE IN mm (INCHES)
logo
All Sensors Corporation
CPFT ASC-CPFT Datasheet
420Kb / 1P
Dimensions are in inches [mm]
CPND ASC-CPND Datasheet
402Kb / 1P
Dimensions are in inches [mm]
CPNR ASC-CPNR Datasheet
291Kb / 1P
Dimensions are in inches [mm]
CPNS ASC-CPNS Datasheet
292Kb / 1P
Dimensions are in inches [mm]
CPPD ASC-CPPD Datasheet
376Kb / 1P
Dimensions are in inches [mm]
CPPS ASC-CPPS Datasheet
211Kb / 1P
Dimensions are in inches [mm]
CPPT ASC-CPPT Datasheet
387Kb / 1P
Dimensions are in inches [mm]
E1ND ASC-E1ND Datasheet
43Kb / 1P
Dimensions are in inches [mm]
E2ND ASC-E2ND Datasheet
37Kb / 1P
Dimensions are in inches [mm]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com