Electronic Components Datasheet Search
  English  ▼

X  

FPD63310 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD63310
Description  UNIVERSAL INTERFACE XGA PANEL TIMING CONTROLLER REDUCED SWING DIFFERENTIAL SIGNALING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD63310 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD63310 Datasheet HTML 1Page - National Semiconductor (TI) FPD63310 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©1997 NSC
1
http://www.national.com
FPD63310
Universal Interface XGA Panel Timing Controller (UI-XPAT)
Reduced Swing Differential Signaling (
RSDS )
General Description
The FPD63310 is the first TFT-LCD timing controller that
combines at TTL single pixel system interface with Nation-
al’s Reduced Swing Differential Signaling (RSDS) source
driver interface. It resides on the TFT-LCD panel and pro-
vides the data buffering and control signal generation for
XGA and SVGA TFT-LCD panels.
The RSDS path to the source or column drivers contributes
toward lowing radiated EMI, reducing system power con-
sumption and eliminates one of the pixel busses used in typ-
ical XGA TFT-LCD panels today.
This single 9-bit differential bus conveys the 18-bit color data
for XGA panels at 130Mb/s when using VESA 60Hz stand-
ard timing.
With the addition of a single National DS90CF364 or 564
FPD-LINK TM chip, the entire data path is optimized for re-
duced EMI, power consumption and width..
Feature
s Reduced Swing Differential Signaling (RSDS)TM source
driver bus for low power and reduced EMI
s Universal TTL single pixel system interface
s Drives National Semiconductor RSDS Column Drivers
at 130Mb/s with a 65 MHz clock
s Optional EEPROM programming allows fine tuning in
development and production environments.
s Ability to drive SVGA XGA TFT-LCD Systems
s Narrow 9-bit differential Source Driver bus minimizes
width of Source PCB
s CMOS circuitry operates from a 3.3V supply.
s
fFPD-LINK TM is a trademark of National Semiconductor
System Diagram
Gray scale
Reference
FPD63310
XGA Panel
Timing
Controller
NM93CSxxL
Serial EEPROM
Panel Power
Supply
/2 Link1
/2 Link2
/2 Link3
/2 LinkC
LMC7532
LMC7532
LMC7532
LMC7532
1024 X 768 or 800 X 600
TFT-LCD Array
VDD
VSS
Start Pulse
Start Pulse
Inversion
Control
/9 + CLK, RSDS BUS
Line Transfer Signal
Gray Scale Voltage Reference BUS
A1
An
E1
En
*: Row Driver; LM7403(National Semiconductor)
TMS57600, 1, 4(Texas Instrument)
uPD16650, 2, 4(NEC)
ADVANCED INFORMATION
NOV, 1997


Similar Part No. - FPD63310

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD6836 FILTRONIC-FPD6836 Datasheet
188Kb / 2P
0.25W POWER PHEMT
FPD6836 FILTRONIC-FPD6836 Datasheet
142Kb / 3P
0.25W POWER PHEMT
FPD6836P70 FILTRONIC-FPD6836P70 Datasheet
191Kb / 3P
HI-FREQUENCY PACKAGED PHEMT
FPD6836P70 FILTRONIC-FPD6836P70 Datasheet
304Kb / 9P
LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
FPD6836P70 FILTRONIC-FPD6836P70_1 Datasheet
304Kb / 9P
LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
More results

Similar Description - FPD63310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87310 NSC-FPD87310 Datasheet
754Kb / 28P
Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD87370AXA NSC-FPD87370AXA Datasheet
461Kb / 2P
Low EMI Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS Outputs
logo
THine Electronics, Inc.
THC63LVDM83R THINE-THC63LVDM83R Datasheet
194Kb / 12P
REDUCED SWING LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE
logo
Texas Instruments
FPD87346BXA TI1-FPD87346BXA Datasheet
453Kb / 22P
FPD87346BXA Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
FPD87370 TI1-FPD87370 Datasheet
201Kb / 6P
FPD87370AXA Low EMI, Low Dynamic Power VGA/XGA/WXGA TFT-LCD Timing Controllerwith Reduced Swing Differential Signaling (RSDS) Outputs
logo
THine Electronics, Inc.
THC63LVDM83D THINE-THC63LVDM83D Datasheet
101Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83C-5S THINE-THC63LVDM83C-5S Datasheet
522Kb / 13P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83C5S THINE-THC63LVDM83C5S Datasheet
121Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com