Electronic Components Datasheet Search
  English  ▼

X  

OA180 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # OA180
Description  Gold Bonded Germanium Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

OA180 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  OA180 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - OA180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA180 ETC1-OA180 Datasheet
356Kb / 11P
GOLD BONDED, GERMANIUM DIODE
logo
ORION FANS
OA180-METAL ORIONFANS-OA180-METAL Datasheet
535Kb / 1P
AC Fan - 115V, 230V 176 x 89mm (6.9??x 3.5??
OA180AN ORIONFANS-OA180AN Datasheet
535Kb / 1P
All Metal
OA180AN-11-1-1856 ORIONFANS-OA180AN-11-1-1856 Datasheet
335Kb / 1P
AC Fan
OA180AN-11-11856 ORIONFANS-OA180AN-11-11856 Datasheet
535Kb / 1P
AC Fan - 115V, 230V 176 x 89mm (6.9??x 3.5??
More results

Similar Description - OA180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
GOLD BONDED GERMANIUM DIODE
AA137 ETC-AA137 Datasheet
31Kb / 1P
GOLD BONDED GERMANIUM DIODE
AA139 ETC-AA139 Datasheet
31Kb / 1P
GOLD BONDED GERMANIUM DIODE
OA47 ETC1-OA47 Datasheet
356Kb / 11P
GOLD BONDED, GERMANIUM DIODE
logo
New Jersey Semi-Conduct...
1N47 NJSEMI-1N47 Datasheet
44Kb / 1P
GOLD BONDED GERMANIUM DIODE
1N35 NJSEMI-1N35 Datasheet
45Kb / 1P
GOLD BONDED GERMANIUM DIODE
1N45 NJSEMI-1N45 Datasheet
43Kb / 1P
GOLD BONDED GERMANIUM DIODE
1N50 NJSEMI-1N50 Datasheet
43Kb / 1P
GOLD BONDED GERMANIUM DIODE
1N52A NJSEMI-1N52A Datasheet
44Kb / 1P
GOLD BONDED GERMANIUM DIODE
OA1182 NJSEMI-OA1182 Datasheet
44Kb / 1P
Gold Bonded Germanium Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com