Electronic Components Datasheet Search
  English  ▼

X  

HC494 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HC494
Description  ECM Standard Low Profile Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HC494 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HC494 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Standard Low Profile Crystal
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
HC49/4 - HC49/S
Dimensions in mm
Parameter
HC49/4–HC49/S ECM10E
Frequency Range
3.200MHz to 50.000MHz
50.001MHz to 75.000MHz
Fund
3
rd O/T
Calibration Tolerance
@25
0C
+/- 30ppm standard
other options available
Specify
Temperature
Tolerance
+/- 50ppm
other options available
Specify
Operating
Temperature
-10
0C to +600C
other options available
Specify
Storage Temp
-55
0C to +1250C
Load Capacitance
10pf to
∞ or Series
Specify
ESR
40
Ω to 200Ω
Frequency Dependant
Shunt Capacitance
7.0pf max
Drive Level
1.0mW max
Ageing
+/- 3ppm First Year
§ In Depth Stock
§ Standard Frequencies
§ Fast Delivery
§ Competitive Prices For Volume Users
§ Custom Options Available
Standard Frequencies in MHz.
3.579545
8.192
18.432
3.6864
9.8304
19.6608
4.00
10.00
20.00
4.032
10.752
22.1184
4.096
11.0592
24.00014
4.194304
12.00
24.576
4.433619
12.288
28.224
4.9152
14.31818
29.4912
6.00
14.7456
32.00
6.144
15.36
32.768
7.3728
16.00
35.2512
7.68
16.384
40.32
8.00
16.9344
56.448
A
B
C
D
E
F
11.20
4.65
3.50
12.70
4.90
0.43
Environmental & Mechanical
Temperature
Cycle
MIL-STD-883C
Method 1010.7
Shock
MIL-STD-883C
Method 2002
Vibration
MIL-STD-883C
Method 2007.2
Humidity
JIS C 5021-22
Gross Leak
Test
MIL-STD-883C
Method 1014.9 Condition A


Similar Part No. - HC494

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
HC494 ECM-HC494 Datasheet
77Kb / 1P
Standard Surface Mount Crystal
HC494/SMX ECM-HC494/SMX Datasheet
77Kb / 1P
Standard Surface Mount Crystal
logo
List of Unclassifed Man...
HC494H ETC-HC494H Datasheet
39Kb / 3P
HC49/4H Crystals
logo
Golledge Electronics Lt...
HC494H GOLLEDGE-HC494H Datasheet
59Kb / 1P
Low Profile Crystal
More results

Similar Description - HC494

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
MA406 ECM-MA406 Datasheet
63Kb / 1P
ECM Surface Mount Crystal
logo
List of Unclassifed Man...
ECT107 ETC1-ECT107 Datasheet
81Kb / 1P
ECM TCXO Crystal Oscillator
logo
Epson Company
MA506 EPSON-MA506 Datasheet
72Kb / 1P
ECM Surface Mount Crystal
logo
Golledge Electronics Lt...
HC494H GOLLEDGE-HC494H Datasheet
59Kb / 1P
Low Profile Crystal
logo
List of Unclassifed Man...
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
ECM Surface Mount Crystal
logo
ECM Electronics Limited...
HC49-4 ECM-HC49-4 Datasheet
79Kb / 1P
Standard Low Profile Crystal
logo
AEL Crystals Ltd
HC-49S AEL-HC-49S Datasheet
132Kb / 1P
Low Profile Crystal
logo
Pletronics, Inc.
LP21 PLETRONICS-LP21 Datasheet
91Kb / 6P
Low Profile Crystal
logo
ECS, Inc.
HC-49USSX ECS-HC-49USSX Datasheet
155Kb / 2P
Low Profile Crystal
logo
Golledge Electronics Lt...
HC49-4H GOLLEDGE-HC49-4H_16 Datasheet
113Kb / 1P
Low Profile Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com